Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6120 Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # CPCI-R6120
Description  6U CompactPCI® Rear Transition Module with Intel® Ethernet Controller I350-AM2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

CPCI-R6120 Datasheet(HTML) 1 Page - Elma Electronic Ltd

  CPCI-R6120 Datasheet HTML 1Page - Elma Electronic Ltd CPCI-R6120 Datasheet HTML 2Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
cPCI-R6100 Series
6U CompactPCI® Rear Transition Module with Intel® Ethernet Controller I350-AM2
Features
●
Intel® Ethernet Controller I350-AM2
●
Up to four Ethernet GbE ports
●
Dual display, DVI and VGA
●
CompactFlash and SD card slots for onboard storage
●
Up to two 2.5" SATA drive on cPCI-R6120
New
cPCI-R6120
KB/MS
USB x4
GbE x2
VGA
cPCI-R6100
cPCI-R6110
CF
DVI-D
COM
GbE x2
GbE x2
SD
VGA
USB x4
PS/2 KB/MS
GbE x2
USB x4
VGA
PS/2 KB/MS
CF
SD
Specifications
● Processor & System
Standards
PICMG 2.0 CompactPCI R3.0
PICMG 2.16 Packet Switch Backplane R1.0
Display
One DVI-D and one VGA on rear panel
Ethernet
Two routed from processor blade via J3 provided by PICMG 2.16
Two supported by Intel® Ethernet Controller I350-AM2
Up to four Ethernet GbE ports on rear panel
USB
Up to four USB 2.0 ports on rear panel
Serial Port
One RS-232/422/485 RJ-45 port on rear panel
PS/2
One 10-pin keyboard mouse box header
● Storage
SATA
Two 7-pin SATA signal connectors, one for onboard 2.5” SATA drive
connectivity
One CompactFlash converted from USB
One SD card slot
One onboard 2.5” SATA port cPCI-R6110
Space for up to 2x 2.5” SATA drives on cPCI-R6120
● Mechanical & Environmental
Form Factor
6U 4HP/8HP CompactPCI Rear Transition Module
233.35mm x 80mm
Operating Temperature
0°C to 60°C
Storage Temperature: -40°C to 85°C
Certification
CE/FCC
Ordering Information
●
cPCI-R6100
4HP Rear I/O module with GbEx4, COM, 4x USB, 2x SATA, DVI,
VGA, PS/2, CF, SD
●
cPCI-R6110
4HP Rear I/O module with GbEx2, 4x USB, 3x SATA, VGA, PS/2,
SD, CF
●
cPCI-R6120
8HP Rear I/O module with GbEx2, 4x USB, 2x SATA, VGA, PS/2,
CF, SD with space for two SATA drives


Similar Part No. - CPCI-R6120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
549Kb / 2P
Remote management support
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
541Kb / 2P
USB 3.0 and PCI-Express Gen3 support
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
550Kb / 2P
Supports system/peripheral operation
CPCI-R6100 ETC2-CPCI-R6100 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
More results

Similar Description - CPCI-R6120

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
MIC-3398 ADVANTECH-MIC-3398 Datasheet
628Kb / 2P
6U CompactPCI Intel® Atom™ Processor Blade
21-Jun-2017
RIO-3315 ADVANTECH-RIO-3315 Datasheet
460Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3395
19-Oct-2017
RIO-3316 ADVANTECH-RIO-3316 Datasheet
513Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396
26-Feb-2019
RIO-3317 ADVANTECH-RIO-3317 Datasheet
497Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3397
24-Dec-2015
RIO-3396MIL ADVANTECH-RIO-3396MIL Datasheet
692Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396MIL
9-Apr-2019
logo
Intel Corporation
I350T2V2 INTEL-I350T2V2 Datasheet
1Mb / 6P
Intel® Ethernet Server Adapter I350
logo
Advantech Co., Ltd.
PCIE-2130 ADVANTECH-PCIE-2130 Datasheet
361Kb / 1P
Quad Port Fiber Gigabit Ethernet PCI Express Server Adapter with Intel® I350
26-May-2022
logo
Lanner All Rights Reser...
NCS2-IGM806 LANNER-NCS2-IGM806 Datasheet
922Kb / 1P
8-port GbE RJ45 NIC Module with Intel® i350 Ethernet Controller
V1-2020.11.30
logo
Intel Corporation
E810 INTEL-E810 Datasheet
1Mb / 36P
Intel® Ethernet Controller E810
Rev. 3.9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com