Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD10-RRP3-F-0 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # KD10-RRP3-F-0
Description  Coaxial connector, multiple type, Frequency range to 300MHz, 3 pos., PCB side, socket contact, right angle, Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KD10-RRP3-F-0 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  KD10-RRP3-F-0 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP3-F-0 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KD10-RRP3-F-0
Features
Coaxial connector, multiple type, Frequency range to 300MHz, 3 pos., PCB side, socket contact, right angle, Receptacle
Part Number
KD10-RRP3-F-0
Status
Active
Number of Positions
3 pos.
Contact Pitch (mm)
2
Connector Type
PCB side
Connector Style
Right angle
Plug/ Jack
Jack
Characteristic Impedance
(ohm)
50/ 75 ohm
Frequency Range (MHz)
DC to 300 MHz
V.S.W.R.
1.3
Mounting Method
Through-hole solder
Locking Feature
Push-on
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
240 substances (23/01/2024)
Remarks
One contacting point
Product Details


Similar Part No. - KD10-RRP3-F-0

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KD10-RRP3-F-0 JAE-KD10-RRP3-F-0 Datasheet
295Kb / 6P
SIMPLIFIED COAXIAL, MULTIPLETYPE
More results

Similar Description - KD10-RRP3-F-0

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MRF03 HIROSE-MRF03 Datasheet
264Kb / 5P
SMT Low-Profile Coaxial Multiple Contact Connectors
logo
CONEC Elektronische Bau...
132J20049X CONEC-132J20049X Datasheet
61Kb / 1P
COAXIAL CONTACT SOCKET 50 OHM
132J20019X CONEC-132J20019X Datasheet
57Kb / 1P
COAXIAL CONTACT SOCKET 50 OHM
132J30019X CONEC-132J30019X Datasheet
194Kb / 1P
COAXIAL CONTACT SOCKET 75 OHM
logo
PANDUIT CORP.
D-602-73 PANDUIT-D-602-73 Datasheet
182Kb / 1P
SHIELDED CONTACT, SOCKET COAXIAL CABLE
logo
Pasternack Enterprises,...
PE7108 PASTERNACK-PE7108 Datasheet
232Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 4GHz to 8GHz SWITHCH TYPE;SPST
PE7124 PASTERNACK-PE7124 Datasheet
249Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18GHz SWITCH TYPE: SP3T
logo
TE Connectivity Ltd
C-293602 TEC-C-293602 Datasheet
686Kb / 3P
SOCKET CONNECTOR PCB VERTICAL VERSION NECTOR* M-LINE 3 POS. UNSEALED
logo
Japan Aviation Electron...
DC-37SA-NR JAE-DC-37SA-NR Datasheet
43Kb / 4P
D-sub Connector, PCB side connector, Right angle, Socket, 37 pos.
DELC-J9PAF-20L9E JAE-DELC-J9PAF-20L9E Datasheet
47Kb / 4P
D-Sub Connector, PCB side connector, Right angle, Pin, 9 pos.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com