Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD20-RRP8-F-0 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # KD20-RRP8-F-0
Description  Coaxial connector, multiple type, Frequency range to 300MHz, 8 pos., PCB side, socket contact, Two contacting point, right angle, Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KD20-RRP8-F-0 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  KD20-RRP8-F-0 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KD20-RRP8-F-0 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KD20-RRP8-F-0
Features
Coaxial connector, multiple type, Frequency range to 300MHz, 8 pos., PCB side, socket contact, Two contacting point, right
angle, Receptacle
Part Number
KD20-RRP8-F-0
Status
Active
Number of Positions
8 pos.
Contact Pitch (mm)
2
Connector Type
PCB side
Connector Style
Right angle
Plug/ Jack
Jack
Characteristic Impedance
(ohm)
50 ohm
Frequency Range (MHz)
DC to 300 MHz
V.S.W.R.
1.3
Mounting Method
Through-hole solder
Locking Feature
Push-on
RoHS compliant
REACH compliant
Remarks
Two contacting point
Product Details


Similar Part No. - KD20-RRP8-F-0

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KD20-RRP8-F-0 JAE-KD20-RRP8-F-0 Datasheet
295Kb / 6P
SIMPLIFIED COAXIAL, MULTIPLETYPE
More results

Similar Description - KD20-RRP8-F-0

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MC1LKN0800 AMPHENOL-MC1LKN0800 Datasheet
65Kb / 1P
Straight Receptacle, 8 Pos
logo
CONEC Elektronische Bau...
132J20049X CONEC-132J20049X Datasheet
61Kb / 1P
COAXIAL CONTACT SOCKET 50 OHM
132J20019X CONEC-132J20019X Datasheet
57Kb / 1P
COAXIAL CONTACT SOCKET 50 OHM
132J30019X CONEC-132J30019X Datasheet
194Kb / 1P
COAXIAL CONTACT SOCKET 75 OHM
logo
PANDUIT CORP.
D-602-73 PANDUIT-D-602-73 Datasheet
182Kb / 1P
SHIELDED CONTACT, SOCKET COAXIAL CABLE
logo
Pasternack Enterprises,...
PE7129 PASTERNACK-PE7129 Datasheet
319Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 4 GHz TO 8 GHz SWITCH TYPE :SP4T
logo
New Jersey Semi-Conduct...
1N53A NJSEMI-1N53A Datasheet
47Kb / 1P
POINT CONTACT COAXIAL MIXER DIODE
logo
Japan Aviation Electron...
DC-37SA-NR JAE-DC-37SA-NR Datasheet
43Kb / 4P
D-sub Connector, PCB side connector, Right angle, Socket, 37 pos.
logo
Hirose Electric
FH75 HIROSE-FH75 Datasheet
529Kb / 1P
Two-Point Contact, 125℃ Heat Resistance, FPC/FFC Connector
logo
Japan Aviation Electron...
DELC-J9PAF-20L9E JAE-DELC-J9PAF-20L9E Datasheet
47Kb / 4P
D-Sub Connector, PCB side connector, Right angle, Pin, 9 pos.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com