Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRI0041 Datasheet(PDF) 2 Page - DFROBOT

Part # DRI0041
Description  7A Dual DC Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0041 Datasheet(HTML) 2 Page - DFROBOT

  DRI0041 Datasheet HTML 1Page - DFROBOT DRI0041 Datasheet HTML 2Page - DFROBOT DRI0041 Datasheet HTML 3Page - DFROBOT DRI0041 Datasheet HTML 4Page - DFROBOT DRI0041 Datasheet HTML 5Page - DFROBOT DRI0041 Datasheet HTML 6Page - DFROBOT DRI0041 Datasheet HTML 7Page - DFROBOT DRI0041 Datasheet HTML 8Page - DFROBOT DRI0041 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Specification
 
Dimension
Voltage supply: DC 7 ~ 24 V
Voltage supply limit: 6.5 ~ 27 V
Control signal Level (Compatible 3.3V/5V)
High: DC 3.0 ~ 6.5 V
Low: DC0 ~ 0.8 V
Output Channel: 2
Control signal current: 3 ~ 11 mA (Each route)
Maximum continuous operating current: 7 A
Peak current: 50 A
Speed control: PWM
Minimum valid Pulse Width: 5 us
Working Temperature: -25 ~ 85 °C
Mounting Hole: M3
Dimension (Length * Width * Height): 55 x 55(mm)/2.165 x 2.165(in)
Weight: 32g



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com