Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN0138-R Datasheet(PDF) 1 Page - DFROBOT

Part # SEN0138-R
Description  Crash sensor (Right)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

SEN0138-R Datasheet(HTML) 1 Page - DFROBOT

  SEN0138-R Datasheet HTML 1Page - DFROBOT SEN0138-R Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Crash sensor (Right)
SKU: SEN0138-R
INTRODUCTION
A miniature snap-action switch, also trademarked and frequently known as a micro switch, is an electric switch that is actuated
by very little physical force.Micro switches are very widely used; among their applications are appliances, machinery, industrial
controls, vehicles, and many other places for control of electrical circuits. They are usually rated to carry current in control
circuits only, although some switches can be directly used to control small motors, solenoids, lamps, or other devices.
This is a small micro switch sensor designed for the Arduino. It could be directly connected to the IO Expansion shield. It
integrates the pull-up resistor and the status indicator LED onboard. That makes it easier for testing.The miniature snap-action
micro switch with roller lever make it suitable for more different environment application.
APPLICATIONS
Levelling and safety switches in elevators
Door interlock on a microwave oven
Vending machines
Detect paper jams or other faults in photocopiers
3D Printer position feedback,etc.


Similar Part No. - SEN0138-R

ManufacturerPart #DatasheetDescription
logo
DFROBOT
SEN0138-L DFROBOT-SEN0138-L Datasheet
80Kb / 2P
Crash sensor (Left)
More results

Similar Description - SEN0138-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP106 INFINEON-KP106 Datasheet
155Kb / 2P
Integrated Pressure Sensor IC for Side Crash Detection
logo
Molex Electronics Ltd.
0491160211 MOLEX6-0491160211 Datasheet
192Kb / 2P
2.54mm (.100") Pitch 2 Way Female Housing Assemblie, Secondary Locking, Crash Sensor
0986961002 MOLEX11-0986961002 Datasheet
197Kb / 2P
2.54mm (.100") Pitch MOX Receptacle Crash Sensor
logo
OPTEK Technologies
OPB420AZ OPTEK-OPB420AZ Datasheet
409Kb / 6P
Right Angle Sensor: LED in tower, photosensor in base
logo
Molex Electronics Ltd.
98696-1002 MOLEX11-98696-1002 Datasheet
40Kb / 1P
2.54mm Pitch MOX Receptacle Crash Sensor, 2 Circuits, Unsealed, Black
logo
Pixart Imaging Inc.
PMT9123QS-TVIT PIXART-PMT9123QS-TVIT Datasheet
1Mb / 15P
Low Power Right Angle Optical Track Sensor
logo
Molex Electronics Ltd.
0986961002 MOLEX1-0986961002_18 Datasheet
34Kb / 1P
2.54mm Pitch MOX Receptacle Crash Sensor, 2 Circuits, Unsealed, Black
logo
Tripp Lite. All Rights ...
B032-VU1 TRIPPLITE-B032-VU1 Datasheet
168Kb / 3P
KVM Console to USB 2.0 Portable Laptop Crash Cart Adapter with File Transfer and Video Capture, 1920 x 1200 @ 60 Hz
logo
Banner Engineering Corp...
T18-2 BANNER-T18-2 Datasheet
694Kb / 10P
Epoxy Encapsulated Right-Angle Sensor
logo
OSRAM GmbH
BPW34S OSRAM-BPW34S Datasheet
756Kb / 17P
LIDAR, Pre-Crash, ACC Rain Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com