Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3545 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 3545
Description  FEMALE PC QUICK-FIT TERMINALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

3545 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  3545 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC QUICK-FIT FEMALE TERMINALS
ACCEPTS .110 (2.8) TAB
VERTICAL ENTRY
VERTICAL ENTRY
ACCEPTS .187 (4.8) TAB
VERTICAL ENTRY
ACCEPTS .110 (2.8) TAB
HORIZONTAL ENTRY
ACCEPTS .187 (4.8), .205 (5.2), .250 (6.4) TAB
ACCEPTS .110 (2.8)
¥ .032 (.81) TAB
HORIZONTAL ENTRY
Mounting Detail
MATERIAL:
.012 (.30) Brass, Tin-Nickel Plate
Mounting Detail
MATERIAL:
.016 (.41) Brass, Tin-Nickel Plate
MATERIAL: Brass, Tin-Nickel Plate
Mounting Detail
Mounting Detail
MATERIAL: .016 (.41) Brass, Tin-Nickel Plate
CAT.
NO.
ACCEPTS TAB
3525
.205 (5.2)¥.020 (.51)
3575* .205 (5.2)¥.032 (.81)
CAT. NO.
ACCEPTS TAB
3528
.250 (6.4)¥.032 (.81)
.400 [10.1]
.046 [1.15] DIA.
.076 [1.9] DIA.
.400 [10.1]
.067 [1.70] DIA.
.104 [2.6] DIA.
.146 [3.7]
.232 [5.9]
W (Ref)
.420
[10.7]
.150 [3.8]
.050 [1.25]
.200 [5.1]
.200 [5.1]
.052 [1.30] DIA.
CAT. NO.
ACCEPTS TAB
3545
.110 (2.8)¥.020 (.51)
3549
.110 (2.8)¥.032 (.81)
.212
[5.4]
.062
[1.55]
.100 [2.5]
.075 [1.90]
.400 [10.2]
.040
[1.00]
.070 [1.80]
.156 [4.0]
.280 [7.1]
.070 [1.80]
.125 [3.2]
.281 [7.1]
.437
[11.1]
.076 [1.90]
.271 [6.9]
.120 [3.0]
.250
[6.3]
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
Mounting Detail
.200 [5.1]
.100 [2.54] DIA.
Mounting Detail
.200 [5.1]
.089 [2.3]
Mounting Detail
.328 [8.35]
.152 [3.86] DIA.
MATERIAL:
.016 (.41) Brass, Tin-Nickel Plate
ACCEPTS .205 (5.2) TAB
VERTICAL ENTRY
ACCEPTS .250 (6.4) TAB
CAT. NO.
ORIENTATION
3557
top & side entry
3577*
bottom entry
MATERIAL:
.016 (.41) Brass, Tin-Nickel Plate
MATERIAL:
.020 (.51) Copper, Tin-Nickel Plate
VERTICAL OR HORIZONTAL ENTRY
SMT - HORIZONTAL ENTRY
SMT - VERTICAL OR HORIZONTAL ENTRY
CAT. NO. 3555
ACCEPTS .312 (7.9) TAB
OVER SIZED
.032 [0.8]
.062 [1.6]
.400
[10.2]
.134 [3.4]
.150 [3.8]
.150 [3.8]
.185 [4.7]
Underwriters Laboratories, Inc.
Recognized Component Program
— UL File Number E201546
CAT.
MATL
NO.
ACCEPTS TAB
“W”
“A”
THICK
3571 .187(4.8) ¥ .020(.51)
.222 (5.6) .162 (4.1) .012 (.30)
3572* .187(4.8) ¥ .032(.81)
3546 .205(5.2) ¥ .020(.51)
.240 (6.1) .180 (4.6) .012 (.30)
3550 .205(5.2) ¥ .032(.81)
3547 .250(6.4) ¥ .032(.81) .291 (7.4) .205 (5.2) .016 (.41)
.392 [10.0]
.180 [4.6]
.422
[10.7]
.375
[9.5]
.109
[2.8]
.106 [2.7]
.578
[14.7]
.180 [4.6]
.144 [3.7]
.065 [1.30] DIA.
55
Mounting Detail
Cat. No. 3557
.134 [3.4]
.067 [1.7]
DIA. (2)PLS.
Mounting Detail
Cat. No. 3577
.067 [1.7]
DIA. (2)PLS.
TERMINAL
CLEARENCE
.040 [1.0]
.134 [3.4]
.062 [1.6]
.212
[5.4]
.062
[1.55]
W
.100 [2.5]
A
.098 [2.5]
.400 [10.2]
.062
[1.55]
.250
[6.4]
MATERIAL:
.012 (.30) Brass, Tin-Nickel Plate
.050 [1.3]
.125 [3.2]
.281 [7.1]
.437
[11.1]
.091 [2.3]
.291 [7.4]
.110 [2.8]
.250
[6.3]
.086 [2.2]
.062 [1.55]
W (Ref)
.440
[11.2]
.156 [4.0]
.144
[3.7]
.125 [3.2]
.196
[5.0]
CAT.
NO.
ACCEPTS TAB
W
3534 .110(2.8)¥.020(.51) .070 (1.80)
3544 .110(2.8)¥.032(.81) .075 (1.92)
.312 [7.9]
.090 [2.3]
.250
[6.4]
.100 [2.54]
.075 [1.9]
.105
[2.7]
.156
[4.0]
.150 [3.8]
.242 [6.2]
.282 [7.2]
.062 [1.6]
.100 [2.5]
.185 [4.7]
.250 [6.4]
.176 [4.5]
.067 [1.7]
.252
[6.4]
.067 [1.7] TYP.
.105 [2.7]
Mounting Detail
.100 [2.6]
.105 [2.7]
.312 [7.9]
Mounting Detail
SPECIFICATIONS
Material: .012 (.30)Brass, Tin-Nickel Plate
Current Rating: 15 Amps @ 500V AC
SPECIFICATIONS
Material: .016 (.40)Brass, Tin-Nickel Plate
Current Rating: 15 Amps @ 500V AC
Tape & Reel Spec’s: 16mm wide, 12mm pitch,
13 inch reel (750 pieces per reel)
*Low insertion force design
Tape & Reel Spec’s: 24mm wide, 8mm pitch,
13 inch reel (2000 pieces per reel)
CAT. NO.
ACCEPTS TAB
“W”
3548
.187(4.8)¥.020(.51) .093 (2.36)
3578*
.187(4.8)¥.020(.51) .093 (2.36)
3551
.187(4.8)¥.032(.81) .102 (2.59)
CAT. NO. 3569* (Bulk)
CAT. NO. 3569TR* (Tape & Reel)
CAT. NO. 3586TR* (Tape & Reel)
CAT. NO. 3586* (Bulk)
* Not UL Recognized
ACCEPTS ALL TABS
.110 (2.8) TO .50 (6.4)
¥ .020 (.50) TO .032 (.80)
ACCEPTS ALL TABS
.110 (2.8) TO .50 (6.4)
¥ .020 (.50) TO .032 (.80)
3557
3577
M60Section3FREV1A4_11-2011 4/6/13 12:47PM Page55


Similar Part No. - 3545

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
3545 PHILIPS-3545 Datasheet
150Kb / 8P
VACUUM PHOTOTUBE
3.3.1953
logo
Lumberg
3545 LUMBERG-3545 Datasheet
97Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3545 LUMBERG-3545 Datasheet
625Kb / 3P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
Heyco.
3545 HEYCO-3545 Datasheet
134Kb / 1P
Heyco® Nylon Liquid Tight Threaded Plugs
3545 HEYCO-3545 Datasheet
134Kb / 1P
Nylon Liquid Tight Threaded Plugs
More results

Similar Description - 3545

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7816 ETC2-7816 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Molex Electronics Ltd.
63819-9800 MOLEX11-63819-9800 Datasheet
30Kb / 1P
Hand Crimp Tool for Quick Disconnect Female Terminals
0638252800 MOLEX11-0638252800 Datasheet
32Kb / 1P
Hand Crimp Tool For Quick Disconnect, Female Terminals
logo
Keystone Electronics Co...
3528 KEYSTONE-3528 Datasheet
196Kb / 1P
.250 x .032 PC QUICK-FIT TERMINAL
7.21.91
3578 KEYSTONE-3578 Datasheet
88Kb / 1P
.187 x .020 PC QUICK-FIT TERMINAL
4.15.09
4966 KEYSTONE-4966 Datasheet
188Kb / 1P
PC QUICK-FIT TERMINAL
12.29.94
7833 KEYSTONE-7833 Datasheet
102Kb / 1P
.250 [6.35] PC QUICK-FIT HEADER
7.25.95
logo
Molex Electronics Ltd.
63827-9300 MOLEX-63827-9300 Datasheet
1Mb / 7P
Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
12-02-15
logo
Keystone Electronics Co...
1287 KEYSTONE-1287 Datasheet
503Kb / 1P
250 (6.4) PC QUICK-FIT MALE TABS
7832 KEYSTONE-7832 Datasheet
98Kb / 1P
PC QUICK-FIT HEADER
REV, D
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com