Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTP151 Datasheet(PDF) 2 Page - Juniper Networks, Inc.

Part # CTP151
Description  CTP SERIES CIRCUIT TO PACKET PLATFORMS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

CTP151 Datasheet(HTML) 2 Page - Juniper Networks, Inc.

  CTP151 Datasheet HTML 1Page - Juniper Networks, Inc. CTP151 Datasheet HTML 2Page - Juniper Networks, Inc. CTP151 Datasheet HTML 3Page - Juniper Networks, Inc. CTP151 Datasheet HTML 4Page - Juniper Networks, Inc. CTP151 Datasheet HTML 5Page - Juniper Networks, Inc. CTP151 Datasheet HTML 6Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Primary Circuit to Packet Solutions
Application
Application Description
Benefit
SS7 transport over IP
Provides transport of dedicated T1 or E1 SS7 links over the IP/
MPLS network.
Eliminates point-to-point T1 and E1 links required for transporting SS7 traffic and allows
convergence over the IP/MPLS network.
TDM over IP solution
The provisioning of point-to-point TDM trunks over the IP
network does not require changes to the TDM equipment.
Allows the continued use and investment protection of the existing TDM equipment or an
easy transition path from a TDM network to an IP network.
PBX interconnect over IP
solution
Provides E1 and T1 trunking for PBX interconnection over the IP
network.
Reduce WAN infrastructure cost through the elimination of costly point-to-point circuits
and leased lines required to support TDM and/or ATM networks. Circuit emulation over IP
enables seamless transition to IP transport without upgrading your entire infrastructure to
VoIP.
PBX Extension over IP with
2WFXS/2WFXO
Provides two-wire analog PBX to phone extensions over IP and
two-wire PBX to PBX/central office connections over IP. Private-
line automatic ringdown (PLAR) is also supported.
Reduces IT expenditures by enabling PBX tie lines to be transported across less expensive
IP data network connections. Analog voice traffic is converted to IP, eliminating the need
for costly T1 tie lines.
Leased line extension over IP
solution
Supports standards-based encapsulation and DS0 bundling. IETF
PWE3 RFCs, SAToP and CESoPSN are supported.
Enables full, fractional and DS0 bundling and mapping of T1 and E1 service provisioned
over an IP/MPLS network and enables interoperability between vendors.
Radio over IP solution
Allows for connectivity of analog and digital radios over IP
networks.
Provides a mechanism to deploy these systems over IP networks while maintaining critical
communications.
Serial encryption over IP
solution
Provides transport of KG/KIV bit-synchronous cipher text across
an IP network.
Eliminates the need to deploy TDM or ATM equipment—saving cost, time, space, and
power.
T1 and E1 backup over IP
Point-to-point T1 or E1 circuits can be automatically backed up
over the IP/MPLS network.
Eliminates redundant point-to-point circuit costs. The end application does not need to
detect IP, saving software and hardware upgrade costs.
Features and Benefits
Key features and benefits of the CTP Series Circuit to Packet Platforms include the following.
Feature
Feature Description
Benefit
Software circuit
provisioning
EIA530, RS-232, V.35, 4WTO, T1, and E1 circuit types are software configured
including the line encoding, clocking, rates, and IP settings.
The network quickly fulfills new and changing end user requirements without
deploying excess hardware.
Scalable product
family
A family of four CTP Series Circuit to Packet Platforms provides different port
densities. Products can address the requirements of small remote sites through large
central network hubs.
Network designers control costs by selecting the CTP Series Circuit to Packet
Platforms most suitable for the site when considering circuit quantities and
anticipated growth.
CTPView Network
Management System
Secure, multi-user, web-based network management system provides network
monitoring, circuit provisioning, IP performance reporting, database backup, and
circuit troubleshooting tools.
Managers quickly deploy circuits and services while proactively monitoring the
network. IP performance reports provide detailed information on IP network
jitter, delay and packet loss. Circuit troubleshooting tools include integral
BERTS and loops to facilitate quick trouble resolution.
Multiple system and
circuit clocking
solutions
CTP Series Circuit to Packet Platforms are designed to use multiple external clocks as
monitored and prioritized system references.
Circuits are configured to use the system clock, external circuit timing, or to
adaptively recover clock information from the remote port when required by the
application or when no reference is configured.
Circuit reliability is improved since ports and systems are configured with the
clocking solution that is most appropriate for the particular application.
Auto switch
The status of the CTP Series circuit ports is monitored, and the circuit is automatically
switched to an alternate local or remote port when a failure is detected.
Network and circuit reliability are increased when the circuits are automatically
restored to alternate locations and equipment in the event of an equipment,
site or network failure.
CTP Series Circuit to Packet Platforms Datasheet
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com