Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2-117RH/PROTO Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HS2-117RH/PROTO
Description  Radiation Hardened Adjustable Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS2-117RH/PROTO Datasheet(HTML) 2 Page - Renesas Technology Corp

  HS2-117RH/PROTO Datasheet HTML 1Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 2Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 3Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 4Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 5Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 6Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 7Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 8Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
HS-117RH, HS-117EH
FN4560 Rev.11.01
Page 2 of 15
Aug 12, 2025
Functional Block Diagram
Typical Applications
FIGURE 3. RESISTOR ADJUSTED OUTPUT VOLTAGE
FIGURE 4. CONSTANT CURRENT REGULATOR
FIGURE 5. REGULATOR SHUTDOWN
FIGURE 6. FOUR DIGITALLY PROGRAMMED OUTPUT VOLTAGES
OUTPUT
R1
R2
30µF
30µF
VOUT = VREF (1+ R2/R1) + IADJ*R2
VIN
VOUT
HS-117EH
IN
ADJUST
OUT
OUTPUT
R1
30µF
30µF
IOUT = VREF / R1
VIN
CONSTANT IOUT
HS-117EH
IN
ADJUST
OUT
OUTPUT
R1
R2
30µF
30µF
In shutdown VOUT = VREF
VIN
VOUT
HS-117EH
IN
ADJUST
OUT
0V
HIGH = SHUTDOWN
R3
Q1
OUTPUT
R1
R2
30µF
30µF
VIN
VOUT
HS-117EH
IN
ADJUST
OUT
R3
Q2
R4
Q1
R5
R6
a
b
IN
OUT
ADJUST
1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com