Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCPWR12 Datasheet(PDF) 1 Page - Multicomp Pro

Part # MCPWR12
Description  Chip Resistors Pulse Withstanding
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCPWR12 Datasheet(HTML) 1 Page - Multicomp Pro

  MCPWR12 Datasheet HTML 1Page - Multicomp Pro MCPWR12 Datasheet HTML 2Page - Multicomp Pro MCPWR12 Datasheet HTML 3Page - Multicomp Pro MCPWR12 Datasheet HTML 4Page - Multicomp Pro MCPWR12 Datasheet HTML 5Page - Multicomp Pro MCPWR12 Datasheet HTML 6Page - Multicomp Pro MCPWR12 Datasheet HTML 7Page - Multicomp Pro MCPWR12 Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page <1>
V1.0
19/11/19
Chip Resistors
Pulse Withstanding
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Tolerance from ±0.5% to 5%
• High power rating
• Excellent pulse withstanding performance
• Improved working voltage ratings
• Standard package sizes of 0402 to 2512
• AEC-Q200 Compliance
Construction
1
2
3
4
5
6
7
8
9
1
Alumina Substrate
2
Bottom Electrode (Ag)
3
Top Electrode (Ag-Pd)
4
Edge Electrode (NiCr)
5
Barrier Layer (Ni)
6
External Electrode (Sn)
7
Resistor Layer (RuO2 / Ag)
8
Primary Overcoat (Glass)
9
Secondary Overcoat (Epoxy)
Dimensions
Part Number
Size
(Inch)
L
(mm)
W
(mm)
T
(mm)
D1
(mm)
D2
(mm)
Weight (g)
(1,000 pieces)
MCPWR02
0402
1 ±0.05
0.5 ±0.05 0.35 ±0.05
0.2 ±0.1
0.2 ±0.1
0.63
MCPWR03
0603
1.6 ±0.1
0.8 ±0.1
0.45 ±0.1
0.3 ±0.2
0.3 ±0.2
2.042
MCPWR05
0805
2 ±0.1
1.25 ±0.1
0.5 ±0.1
0.35 ±0.2
0.4 ±0.2
4.368
MCPWR05 (1/2W)
0805
2 ±0.1
1.25 ±0.1
0.5 ±0.1
0.35 ±0.2
0.4 ±0.2
5.049
MCPWR06
1206
3.1 ±0.1
1.55 ±0.1
0.55 ±0.1
0.5 ±0.25
0.5 ±0.2
8.947
MCPWR06 (3/4W)
1206
3.1 ±0.1
1.55 ±0.1
0.55 ±0.1
0.5 ±0.25
0.5 ±0.2
9.541
MCPWR13
1210
3.1 ±0.1
2.6 ±0.15
0.55 ±0.1
0.5 ±0.25
0.5 ±0.2
15.959
MCPWR10
2010
5 ±0.1
2.5 ±0.15
0.55 ±0.1
0.6 ±0.25
0.5 ±0.2
24.241
MCPWR12
2512
6.35 ±0.1
3.1 ±0.15
0.55 ±0.1
0.6 ±0.25
0.5 ±0.2
39.448
Applications
• Metering (Testing/Measurement)
• Diagnostic Equipment
• Medical Devices
• Industrial Controls
• Plasma
• LCD Video Monitors


Similar Part No. - MCPWR12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCPWR12 ETC2-MCPWR12 Datasheet
208Kb / 7P
Pulse Withstanding Chip Resistors
More results

Similar Description - MCPWR12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PWC2512 ETC1-PWC2512 Datasheet
271Kb / 6P
Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC Datasheet
465Kb / 4P
Pulse Withstanding Chip Resistors
logo
IRC - a TT electronics ...
PWC-PWC0805-100R-J IRCTT-PWC-PWC0805-100R-J Datasheet
580Kb / 4P
Pulse Withstanding Chip Resistors
logo
Token Electronics Indus...
PWR05 TOKEN-PWR05 Datasheet
434Kb / 7P
PWR Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC_13 Datasheet
868Kb / 4P
Pulse Withstanding Chip Resistors
logo
List of Unclassifed Man...
MCPWR12 ETC2-MCPWR12 Datasheet
208Kb / 7P
Pulse Withstanding Chip Resistors
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
Pulse Withstanding Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WFXXQ_S WALSIN-WFXXQ_S Datasheet
1Mb / 11P
Thin Film Pulse Withstanding Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com