Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2ACOLFZCZR.B Datasheet(PDF) 66 Page - Texas Instruments

Part # AM263P2ACOLFZCZR.B
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2ACOLFZCZR.B Datasheet(HTML) 66 Page - Texas Instruments

Back Button AM263P2ACOLFZCZR.B Datasheet HTML 62Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 63Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 64Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 65Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 66Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 67Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 68Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 69Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 168 page
background image
Table 5-93. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
VDDS18
PWR
1.8V IO supply
D6, E15, L4,
N15
D6, E15, L4,
N15
D6, E15, L4,
N15
VDDS18_LDO (1) (3)
PWR
1.8V Digital LDO Output
T3
T3
T3
VDDS33
PWR
3.3V IO supply
D12, D8, H15,
H4, L15, P4,
R15
D12, D8, H15,
H4, L15, P4,
R15
D12, D8, H15,
H4, L15, P4,
R15
VPP
PWR
eFuse ROM programming supply
N3
N3
N3
VSS
GND
Ground
A1, A18, E10,
E12, E13, E14,
E5, E6, E7, E8,
F10, F12, F13,
F14, F5, F6, F7,
F8, G10, G11,
G12, G7, G8,
G9, H10, H11,
H12, H13, H14,
H5, H6, H7, H8,
H9, J10, J11,
J12, J13, J14,
J5, J6, J7, J8,
J9, K10, K11,
K12, K7, K8,
K9, L10, L11,
L12, L13, L14,
L5, L6, L7, L8,
L9, M10, M11,
M12, M13, M14,
M5, M6, M7,
M8, M9, N10,
N11, N12, N7,
N8, N9, P13,
P14, P5, T2,
V18
A1, A18, E10,
E12, E13, E14,
E5, E6, E7, E8,
F10, F12, F13,
F14, F5, F6, F7,
F8, G10, G11,
G12, G7, G8,
G9, H10, H11,
H12, H13, H14,
H5, H6, H7, H8,
H9, J10, J11,
J12, J13, J14,
J5, J6, J7, J8,
J9, K10, K11,
K12, K7, K8,
K9, L10, L11,
L12, L13, L14,
L5, L6, L7, L8,
L9, M10, M11,
M12, M13, M14,
M5, M6, M7,
M8, M9, N10,
N11, N12, N7,
N8, N9, P13,
P14, P5, T2
A1, A18, E10,
E12, E13, E14,
E5, E6, E7, E8,
F10, F12, F13,
F14, F5, F6, F7,
F8, G10, G11,
G12, G7, G8,
G9, H10, H11,
H12, H13, H14,
H5, H6, H7, H8,
H9, J10, J11,
J12, J13, J14,
J5, J6, J7, J8,
J9, K10, K11,
K12, K7, K8,
K9, L10, L11,
L12, L13, L14,
L5, L6, L7, L8,
L9, M10, M11,
M12, M13, M14,
M5, M6, M7,
M8, M9, N10,
N11, N12, N7,
N8, N9, P13,
P14, P5, T2
VSSA
AGND
Analog Ground
P10, P12, P6,
P8, R13, R5,
V1, V16
P10, P12, P6,
P8, R13, R5,
V1, V18
P10, P12, P6,
P8, R13, R5,
V1, V18
(1)
See the Layout Guidelines sections for details on connecting this pin.
(2)
PCB should directly route VDDA18_LDO to all of the VDDA18 pins and the VDDA_OSC_PLL pin.
(3)
PCB should directly route VDDS18_LDO to all of the VDDS18 pins.
5.3.19 PRU-ICSS
Table 5-94. PRU-ICSS ECAP Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
PR0_ECAP0_APWM_OUT
O
PRU-ICSS Enhanced Capture (ECAP) Input or ECAP
Auxiliary PWM (APWM) Output
D14
D14
D14
Table 5-95. PRU-ICSS GPIO Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
PR0_PRU0_GPIO0
IO
PRU0 General Purpose Input/Output
K17
K17
K17
PR0_PRU0_GPIO1
IO
PRU0 General Purpose Input/Output
K18
K18
K18
PR0_PRU0_GPIO2
IO
PRU0 General Purpose Input/Output
J18
J18
J18
PR0_PRU0_GPIO3
IO
PRU0 General Purpose Input/Output
J17
J17
J17
PR0_PRU0_GPIO4
IO
PRU0 General Purpose Input/Output
K16
K16
K16
PR0_PRU0_GPIO5
IO
PRU0 General Purpose Input/Output
G17
G17
G17
PR0_PRU0_GPIO6
IO
PRU0 General Purpose Input/Output
K15
K15
K15
PR0_PRU0_GPIO8
IO
PRU0 General Purpose Input/Output
G15
G15
G15
PR0_PRU0_GPIO9
IO
PRU0 General Purpose Input/Output
F17
F17
F17
PR0_PRU0_GPIO10
IO
PRU0 General Purpose Input/Output
G18
G18
G18
PR0_PRU0_GPIO11
IO
PRU0 General Purpose Input/Output
M16
M16
M16
PR0_PRU0_GPIO12
IO
PRU0 General Purpose Input/Output
M15
M15
M15
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
www.ti.com
66
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com