Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2ACOLFZCZR.B Datasheet(PDF) 104 Page - Texas Instruments

Part # AM263P2ACOLFZCZR.B
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2ACOLFZCZR.B Datasheet(HTML) 104 Page - Texas Instruments

Back Button AM263P2ACOLFZCZR.B Datasheet HTML 100Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 101Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 102Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 103Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 104Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 105Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 106Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 107Page - Texas Instruments AM263P2ACOLFZCZR.B Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 168 page
background image
6.11.5.4 Enhanced Quadrature Encoder Pulse (eQEP)
Note
The device has multiple eQEP modules. The generic QEP_ prefix is used to represent the signal
names for all eQEP instances.
For more information, see Enhanced Quadrature Encoder Pulse (eQEP) Module section in the device TRM.
6.11.5.4.1 EQEP Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
1
4
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
2
7
pF
6.11.5.4.2 EQEP Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
QEP1
tw(QEPP)
QEP input period
Synchronous(3)
3P(1)
ns
With input qualifier
2 × (P(1) + U(2))
QEP2
tw(INDEXH)
QEP Index Input High time
Synchronous(3)
2 + 3P(1)
ns
With input qualifier
2P(1) + U(2)
QEP3
tw(INDEXL)
QEP Index Input Low time
Synchronous(3)
3P(1)
ns
With input qualifier
2P(1) + U(2)
QEP4
tw(STROBH)
QEP Strobe High time
Synchronous(3)
3P(1)
ns
With input qualifier
2P(1) + U(2)
QEP5
tw(STROBL)
QEP Strobe Input Low time
Synchronous(3)
3P(1)
ns
With input qualifier
2P(1) + U(2)
(1)
P = sysclk period in ns.
(2)
U = the input qualifier sampling window. See GPIO Electrical Data and Timing section for details on Input Qualifier Mode.
(3)
The GPIO GPxQSELn Asynchronous mode should not be used for eQEP module input pins.
QEP_S
QEP4
EPERIPHERALS_TIMNG_03
QEP_I
QEP2
QEP_A/B
QEP1
QEP3
QEP5
Figure 6-20. EQEP Timing Requirements
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
www.ti.com
104
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com