Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1783Q Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL1783Q
Description  55V THREE-CHANNEL PWM LINEAR LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1783Q Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL1783Q Datasheet HTML 6Page - Diodes Incorporated AL1783Q Datasheet HTML 7Page - Diodes Incorporated AL1783Q Datasheet HTML 8Page - Diodes Incorporated AL1783Q Datasheet HTML 9Page - Diodes Incorporated AL1783Q Datasheet HTML 10Page - Diodes Incorporated AL1783Q Datasheet HTML 11Page - Diodes Incorporated AL1783Q Datasheet HTML 12Page - Diodes Incorporated AL1783Q Datasheet HTML 13Page - Diodes Incorporated AL1783Q Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AL1783Q
Document number: DS46208 Rev. 1 - 2
13 of 14
www.diodes.com
January 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL1783Q
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSSOP-16EP
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSSOP-16EP
Mechanical Data
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per JESD22-B102
Weight: 0.056 grams (Approximate)
TSSOP-16EP
Dim
Min
Max
Typ
A
-
1.20
-
A1
0.025
0.100
-
A2
0.80
1.05
0.90
b
0.19
0.30
-
c
0.09
0.20
-
D
4.90
5.10
5.00
E
6.20
6.60
6.40
E1
4.30
4.50
4.40
e
0.65 BSC
L
0.45
0.75
0.60
L1
1.0 REF
L2
0.65 BSC
X
-
-
2.997
Y
-
-
2.997
θ1
0°
8°
-
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.650
X
0.450
X1
3.290
X2
5.000
Y
1.450
Y1
3.290
Y2
4.450
Y3
7.350
ID MARK
PIN 1
DE TAIL
Seating Plane

Gauge Plane
0.25
X
Y
E
E1
D
e
b
A1
A2
A
L
L1
Y2
Y
Y3
C
Y1
X2
X1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com