Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL58263 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AL58263
Description  16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AL58263 Datasheet HTML 17Page - Diodes Incorporated AL58263 Datasheet HTML 18Page - Diodes Incorporated AL58263 Datasheet HTML 19Page - Diodes Incorporated AL58263 Datasheet HTML 20Page - Diodes Incorporated AL58263 Datasheet HTML 21Page - Diodes Incorporated AL58263 Datasheet HTML 22Page - Diodes Incorporated AL58263 Datasheet HTML 23Page - Diodes Incorporated AL58263 Datasheet HTML 24Page - Diodes Incorporated AL58263 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AL58263
Document number: DS46310 Rev. 4 - 2
21 of 29
www.diodes.com
September 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263
Functional Descriptions
– Diagnosis and Protections (continued)
Error Bit
Error Bit
Symbol
Description
0
Error
When errors, such as open errors, short errors, short-to-GND errors, and thermal errors (PreOTP),
are detected in the channel, the error bit, zero, will be loaded into the corresponding image shift
register.
1
Normal
In the detecting mode, the bit, one, will be loaded into the corresponding image shift register if the
device is under normal operating conditions.
LED Open Error Detection
DCK
LAT
DI
Detection
time
IOUT15
Error Bit
IOUT14
Error Bit
IOUT12
Error Bit
IOUT0
Error Bit
DO
: Unknown Data
16
15
14
1
1
2
3
15
2 pulses
IOUT13
Error Bit
14 pulses
DI=DO
When the LED open error detection instruction is executed, it is necessary to input two DI pulses in Error Detection Mode. No matter what the
image latch data is, the output ports of the AL58263 will turn on with 0.1mA for error detection. The detection time is defined from the falling edge
of LAT to the rising edge of the following DCK.
When the voltage of the IOUT pins is below 0.3V, the error bit, zero, will be loaded into the corresponding image shift register. The error bit will be
shifted out from the DO pin on the synchronization of the rising edge of DCK. A retiming DO signal, which is similar to a DI signal, appears when
the LAT signal stays in a high level for cascading applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com