Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC256V Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MB85RC256V
Description  256 K (32 K x 8) Bit I2C
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC256V Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MB85RC256V Datasheet HTML 1Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 2Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 3Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 4Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 5Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 6Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 7Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 8Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
Memory FeRAM
256 K (32 K  8) Bit I2C
MB85RC256V
DESCRIPTION
The MB85RC256V is an FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 32,768
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
Unlike SRAM, the MB85RC256V is able to retain data without using a data backup battery.
The read/write endurance of the nonvolatile memory cells used for the MB85RC256V has improved to be
at least 1012 cycles, significantly outperforming other nonvolatile memory products in the number.
The MB85RC256V does not need a polling sequence after writing to the memory such as the case of Flash
memory or E2PROM.
FEATURES
• Bit configuration
: 32,768 words  8 bits
• Two-wire serial interface
: Fully controllable by two ports: serial clock (SCL) and serial data (SDA).
• Operating frequency
: 1 MHz (Max)
• Read/write endurance
: 1012 times / byte
• Data retention
: 10 years (  85 C), 95 years (  55 C), over 200 years (  35 C)
• Operating power supply voltage: 2.7 V to 5.5 V
• Low-power consumption
: Operating power supply current 200 A (Max @1 MHz)
Standby current 27 A (Typ)
• Operation ambient temperature range
:  40 C to  85 C
• Package
: 8-pin plastic SOP (150mil)
8-pin plastic SOP (208mil)
Both are RoHS compliant
DS501-00017-11v2-E


Similar Part No. - MB85RC256V

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RC256V FUJITSU-MB85RC256V Datasheet
304Kb / 32P
256 K (32 K횞8) ?볝긿?뉹2C
logo
RAMXEED LIMITED
MB85RC256VN RAMXEED-MB85RC256VN Datasheet
2Mb / 26P
256 K (32 K x 8) Bit IC
MB85RC256VNPNF-G-AME2 RAMXEED-MB85RC256VNPNF-G-AME2 Datasheet
2Mb / 26P
256 K (32 K x 8) Bit IC
MB85RC256VNPNF-G-AMERE2 RAMXEED-MB85RC256VNPNF-G-AMERE2 Datasheet
2Mb / 26P
256 K (32 K x 8) Bit IC
logo
fujitsu semiconductor
MB85RC256VPF-G FUJITSU-MB85RC256VPF-G Datasheet
317Kb / 28P
FUJITSU SEMICONDUCTOR
More results

Similar Description - MB85RC256V

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
256 Kilobit (32 K x 8-Bit) CMOS EPRO
logo
Hitachi Semiconductor
HN58S256A HITACHI-HN58S256A Datasheet
88Kb / 17P
256 k EEPROM (32-kword x 8-bit)
logo
fujitsu semiconductor
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Cypress Semiconductor
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
256-Kbit (32 K x 8) Serial (I2C) nvSRAM
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
256-Kbit (32 K x 8) nvSRAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
256 K (32 K x 8) Static RAM
logo
fujitsu semiconductor
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
256 K (32 K 횞 8) ?볝긿?
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
256 K (32 K 횞 8) Bit I2C
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com