Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498E Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7498E
Description  160-watt 160-watt dual BTL class-D audio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7498E Datasheet HTML 2Page - STMicroelectronics TDA7498E Datasheet HTML 3Page - STMicroelectronics TDA7498E Datasheet HTML 4Page - STMicroelectronics TDA7498E Datasheet HTML 5Page - STMicroelectronics TDA7498E Datasheet HTML 6Page - STMicroelectronics TDA7498E Datasheet HTML 7Page - STMicroelectronics TDA7498E Datasheet HTML 8Page - STMicroelectronics TDA7498E Datasheet HTML 9Page - STMicroelectronics TDA7498E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
(Continued)
RdsON
(Continued)
Power transistor on-resistance
Low side
(Contin
ued)
Ω
-
0.15
-
Po
Output power
THD = 10%
-
160
-
W
THD = 1%
-
125
-
Po
Parallel BTL (mono) output power,
RL = 3 ohm, Vcc = 36 V
THD = 10%
-
220
-
W
THD = 1%
-
170
-
η
Efficiency
-
85
-
%
THD
Total harmonic distortion
Po = 1 W
-
0.05
-
%
GV
Closed-loop gain
GAIN < 0.25*VDD
23.8
dB
0.25*VDD < GAIN < 0.5*VDD
29.8
0.5*VDD < GAIN < 0.75*VDD
33.3
GAIN > 0.75*VDD
35.8
ΔGV
Gain matching
-
-1
-
1
dB
CT
Crosstalk
f = 1 kHz, Po = 1 W
50
60
-
dB
Vn
Total output noise
Inputs shorted and to ground,
A Curve
231
µV
Inputs shorted and to ground,
f = 20 Hz to 20 kHz
400
SVRR
Supply voltage rejection ratio
fr = 100 Hz, Vr = 0.5 Vpp,
CSVR = 10 µF
-
55
-
dB
Tr, Tf
Rise and fall times
-
-
35
-
ns
fSW
Switching frequency
Internal oscillator
240
310
400
kHz
fSWR
Output switching frequency range
With internal oscillator by changing
ROSC (1)
240
-
kHz
VinH
Digital input high (H)
-
2.0
-
-
V
VinL
Digital input low (L)
-
-
0.8
Function
mode
Standby & mute & play
STBY < 0.5 V; MUTE = X
Standby
STBY > 2.5 V; MUTE < L
Mute
STBY > 2.5 V; MUTE > H
Play
AMUTE
Mute attenuation
VMUTE < L, VSTBY = H
-
75
-
dB
1. fSW = 106 / ((16 * ROSC + 182) * 4) kHz, fSYNCLK = 2 * fSW with R3 = 39 kΩ (see Figure 3. Test circuit stereo application and
mono BTL mode).
TDA7498E
Electrical specifications
DS8807 - Rev 4
page 6/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com