Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498L Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7498L
Description  80 watt 80 watt dual BTL class-D audio amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498L Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7498L_V01 Datasheet HTML 15Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 16Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 17Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 18Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 19Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 20Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 21Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 22Page - STMicroelectronics TDA7498L_V01 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Revision history
Table 10. Document revision history
Date
Revision
Changes
04-Dec-2009
1
Initial release.
02-Jul-2010
2
Removed datasheet preliminary status, updated Section Features list and Table
1. Device summary
Updated minimum supply voltage and temperature range in Table 5.
Recommended operating conditions
Updated typical power output for 8 Ω to 32 V in Table 6. Electrical specifications
12-Sep-2011
3
Updated OUTNA in Table 2. Pin description list; minor textual updates
09-Sep-2015
4
Updated VCC_MAX in Table 3. Absolute maximum ratings and dimension L in
Table 10. PowerSSO-36 EPU package mechanical data
24-Jan-2019
5
Updated product summary table in cover page
26-Jul-2020
6
Updated Figure 28 and Y min. value in Table 9
TDA7498L
DS6539 - Rev 6
page 21/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com