Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498MV Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7498MV
Description  100 W mono BTL class-D audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498MV Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7498MV Datasheet HTML 12Page - STMicroelectronics TDA7498MV Datasheet HTML 13Page - STMicroelectronics TDA7498MV Datasheet HTML 14Page - STMicroelectronics TDA7498MV Datasheet HTML 15Page - STMicroelectronics TDA7498MV Datasheet HTML 16Page - STMicroelectronics TDA7498MV Datasheet HTML 17Page - STMicroelectronics TDA7498MV Datasheet HTML 18Page - STMicroelectronics TDA7498MV Datasheet HTML 19Page - STMicroelectronics TDA7498MV Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Application information
TDA7498MV
16/26
DocID016505 Rev 6
5
Application information
5.1
Application circuit
Figure 18: Application circuit
VC C
GN D
OU T-1
OU T-2
TDA7498MV
MUTE
STB Y
3V3 Power supply
single-ended
*
*
input
CLASS-D AMPLIFIER
*
*
Load = 6 ohm
For
Frequency shift
OUTPU T
INPU T
*
LC filter components
Load
L1,L2
C26
C24,C28
6 ohm
8 oh m
22 µH
22 µH
470 nF
680 nF
220 nF
220 nF
C5
100nF
R3
39K
L4
22µH
C1
1µF
C2
1µF
C8
100nF
C2 5
100nF
C2 7
330pF
R6
22R
C4 0
220nF
C4 1
220nF
R1
100k
R7
22R
C6
100nF
R4
120k
R2
33k
C2 6
680nF
C1 0
100nF
J6
J5
2
1
3
S1
2
1
3
S2
C2 9
2.2µF
2
GN D
1
OU T
3
IN
IC 2
L4931CZ3 3
1
2
J2
J7
+
C2 3
2200µF
50 V
L3
22µH
J4
C3 0
1µ F
R1 4
100k
R1 5
8R
C2 8
220n F
R1 6
8R
C2 4
220nF
R1 3
47k
+
C7
2.2µF
16V
D1
18V
C9
100nF
C4
1nF
C3
1nF
C1 6
10µF
10V
C1 7
10µF
10V
R9
180K
1
2
3
Q1
KTC3875(S)
32
VDDS2
36
VSS
9
NC
5
NC
7
NC
3
NC
10
OUTN
12
PVCC
14
PGND
16
OUT P
33
SGND2
8
NC
4
NC
21
MUTE
6
NC
2
NC
29
SVR
11
OUTN
1
SUB_GN D
22
IN P
23
INN
27
SGND
26
VDDS
28
DIAG
19 VDD PW
18
PGND
20
STB Y
24
ROSC
31
GAIN 1
35
SVC C
30
GAIN 0
25
SYNC LK
17
OUT P
15
PGND
34
VREF
13
PVCC
IC 3
TDA7498M V
J3
1
2
J9
R8
6.8k
+
C1 5
2.2µF
16V
DIAG
FS
FS
VDDS
VDDS
VDDS
VCC
3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com