Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012IQT Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS2012IQT
Description  Filter-free stereo 2x2.8 W class D audio power amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012IQT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS2012IQT Datasheet HTML 18Page - STMicroelectronics TS2012IQT Datasheet HTML 19Page - STMicroelectronics TS2012IQT Datasheet HTML 20Page - STMicroelectronics TS2012IQT Datasheet HTML 21Page - STMicroelectronics TS2012IQT Datasheet HTML 22Page - STMicroelectronics TS2012IQT Datasheet HTML 23Page - STMicroelectronics TS2012IQT Datasheet HTML 24Page - STMicroelectronics TS2012IQT Datasheet HTML 25Page - STMicroelectronics TS2012IQT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Application information
TS2012
22/29
DocID14236 Rev 2
4.4
Low frequency response
If a low frequency bandwidth limitation is required, it is possible to use input coupling
capacitors. In the low frequency region, the input coupling capacitor, Cin, starts to have an
effect. Cin, with the input impedance Zin, forms a first order, high-pass filter with a -3 dB cut-
off frequency (see Table 5 to Table 7) as shown in Equation 1:
Equation 1
So, for a desired cut-off frequency, FCL, Cin is calculated as shown in Equation 2:
Equation 2
with FCL in Hz, Zin in Ω and Cin in F.
The input impedance Zin is typically 30 kΩ for the whole power supply voltage range. There
is also a tolerance around the typical value (see Table 5 to Table 7). The maximum and
minimum tolerance of the FCL can be calculated using Equation 3 and Equation 4
respectively.
Equation 3
Equation 4
4.5
Decoupling of the circuit
Power supply capacitors, referred to as CS, CSL, and CSR are needed to correctly bypass
the TS2012.
The TS2012 has a typical switching frequency of 280 kHz and an output fall and rise time of
about 5 ns. Due to these very fast transients, careful decoupling is mandatory.
A 1 µF ceramic capacitor between each PVCC and PGND and also between AVCC and
AGND is enough, but they must be located very close to the TS2012 in order to avoid any
extra parasitic inductance created by a long track wire. Parasitic loop inductance, in relation
to di/dt, introduces overvoltage that decreases the global efficiency of the device and may
also cause a TS2012 breakdown if the parasitic inductance is too high.
In addition, even if a ceramic capacitor has an adequate high frequency ESR value, its
current capability is also important. A 0603 size is a good compromise, particularly when a
4
Ω load is used.
FCL
1
2
π Zin Cin
⋅⋅
--------------------------------------------
=
Cin
1
2
π Zin FCL
⋅⋅
----------------------------------------------
=
FCLmax
1.103
FCL
=
FCLmin
0.915
FCL
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com