Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3011ILT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS3011ILT
Description  Rail-to-rail high-speed comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3011ILT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS3011ILT Datasheet HTML 12Page - STMicroelectronics TS3011ILT Datasheet HTML 13Page - STMicroelectronics TS3011ILT Datasheet HTML 14Page - STMicroelectronics TS3011ILT Datasheet HTML 15Page - STMicroelectronics TS3011ILT Datasheet HTML 16Page - STMicroelectronics TS3011ILT Datasheet HTML 17Page - STMicroelectronics TS3011ILT Datasheet HTML 18Page - STMicroelectronics TS3011ILT Datasheet HTML 19Page - STMicroelectronics TS3011ILT Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
List of tables
Table 1.
Pin description...................................................................... 2
Table 2.
Absolute maximum ratings ............................................................. 3
Table 3.
Operating conditions ................................................................. 3
Table 4.
VCC = 2.2 V, VICM = VCC/2,Tamb = 25 °C (unless otherwise specified) ................................ 4
Table 5.
VCC = 2.7 V, VICM = VCC/2, Tamb = 25 °C (unless otherwise specified) ............................... 5
Table 6.
VCC = 5 V, VICM = VCC/2, Tamb = 25 °C (unless otherwise specified)................................. 6
Table 7.
SOT23-5 mechanical data............................................................. 12
Table 8.
SC70-5 (or SOT323-5) mechanical data ................................................... 13
Table 9.
DFN8 2x2 mm package mechanical data .................................................. 14
Table 10.
Order codes ...................................................................... 15
Table 11.
Document revision history ............................................................. 16
TS3011
List of tables
DS8604 - Rev 9
page 19/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com