Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS419 Datasheet(PDF) 40 Page - STMicroelectronics

Part # TS419
Description  360 mW mono amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TS419_V01 Datasheet HTML 34Page - STMicroelectronics TS419_V01 Datasheet HTML 35Page - STMicroelectronics TS419_V01 Datasheet HTML 36Page - STMicroelectronics TS419_V01 Datasheet HTML 37Page - STMicroelectronics TS419_V01 Datasheet HTML 38Page - STMicroelectronics TS419_V01 Datasheet HTML 39Page - STMicroelectronics TS419_V01 Datasheet HTML 40Page - STMicroelectronics TS419_V01 Datasheet HTML 41Page - STMicroelectronics TS419_V01 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
List of figures
Figure 1.
Application schematics .............................................................. 4
Figure 2.
Open loop gain and phase vs. frequency .................................................. 9
Figure 3.
Open loop gain and phase vs. frequency Vcc = 2 V ........................................... 9
Figure 4.
Open loop gain and phase vs. frequency Vcc = 5 V ........................................... 9
Figure 5.
Open loop gain and phase vs. frequency ZL = 8 Ω ........................................... 9
Figure 6.
Open loop gain and phase vs. frequency RL = 16 Ω ......................................... 10
Figure 7.
Open loop gain and phase vs. frequency RL = 16 Ω, Vcc = 2 V.................................. 10
Figure 8.
Open loop gain and phase vs. frequency ZL = 16 Ω, Vcc = 5 V .................................. 10
Figure 9.
Open loop gain and phase vs. frequency ZL = 16 Ω, Vcc = 2 V .................................. 10
Figure 10.
Open loop gain and phase vs. frequency RL = 32 Ω ......................................... 11
Figure 11.
Open loop gain and phase vs. frequency RL = 32 Ω, Vcc = 2 V.................................. 11
Figure 12.
Open loop gain and phase vs. frequency ZL = 32 Ω ......................................... 11
Figure 13.
Open loop gain and phase vs. frequency ZL = 32 Ω, Vcc = 2 V .................................. 11
Figure 14.
Current consumption vs. power supply voltage ............................................. 12
Figure 15.
Current consumption vs. standby voltage Vcc = 5 V ......................................... 12
Figure 16.
Current consumption vs. standby voltage Vcc = 3.3 V ........................................ 12
Figure 17.
Current consumption vs. standby voltage Vcc = 2 V ......................................... 12
Figure 18.
Current consumption vs. standby voltage Vcc = 5 V (TS421) ................................... 13
Figure 19.
Current consumption vs. standby voltage Vcc = 3.3 V (TS421) .................................. 13
Figure 20.
Current consumption vs. standby voltage Vcc = 2 V (TS421) ................................... 13
Figure 21.
Output power vs. power supply voltage RL = 8 Ω ........................................... 13
Figure 22.
Output power vs. power supply voltage RL = 16 Ω .......................................... 14
Figure 23.
Output power vs. power supply voltage RL = 32 Ω .......................................... 14
Figure 24.
Output power vs. power supply voltage RL = 64 Ω .......................................... 14
Figure 25.
Output power vs. load resistor Vcc = 5 V ................................................. 14
Figure 26.
Output power vs. load resistor Vcc = 3.3 V ................................................ 15
Figure 27.
Output power vs. load resistor Vcc = 2.5 V ................................................ 15
Figure 28.
Output power vs. load resistor Vcc = 2 V ................................................. 15
Figure 29.
Power dissipation vs. output power Vcc = 5 V .............................................. 15
Figure 30.
Power dissipation vs. output power Vcc = 3.3 V ............................................ 16
Figure 31.
Power dissipation vs. output power Vcc = 2.5 V ............................................ 16
Figure 32.
Power dissipation vs. output power Vcc = 2 V .............................................. 16
Figure 33.
Power derating curves .............................................................. 16
Figure 34.
Output voltage swing for one Amp. vs. power supply voltage ................................... 17
Figure 35.
THD + N vs. output power RL = 8 Ω .................................................... 17
Figure 36.
THD + N vs. output power RL = 16 Ω.................................................... 17
Figure 37.
THD + N vs. output power RL = 32 Ω.................................................... 17
Figure 38.
THD + N vs. output power RL = 8 Ω, Av = 2 ............................................... 17
Figure 39.
THD + N vs. output power RL = 16 Ω, Av = 2 .............................................. 18
Figure 40.
THD + N vs. output power RL = 32 Ω, Av = 2 .............................................. 18
Figure 41.
THD + N vs. output power RL = 8 Ω, Cb = 1 µF ............................................ 18
Figure 42.
THD + N vs. output power RL = 16 Ω, Cb = 1 µF............................................ 18
Figure 43.
THD + N vs. output power RL = 32 Ω, Cb = 1 µF............................................ 19
Figure 44.
THD + N vs. frequency RL = 8 Ω....................................................... 19
Figure 45.
THD + N vs. frequency RL = 16 Ω ...................................................... 19
Figure 46.
THD + N vs. frequency RL = 32 Ω ...................................................... 19
Figure 47.
Signal to noise ratio vs. power supply voltage with unweighted filter (20 Hz to 20 kHz) .................. 19
Figure 48.
Signal to noise ratio vs. power supply voltage with weighted filter Type A ........................... 19
Figure 49.
Noise floor Vcc = 5 V............................................................... 20
Figure 50.
Noise floor Vcc = 2 V............................................................... 20
Figure 51.
PSRR vs. input capacitor ............................................................ 20
Figure 52.
PSRR vs. power supply voltage ....................................................... 20
Figure 53.
PSRR vs. bypass capacitor Cb = Cin = 1 µF............................................... 20
TS419, TS421
List of figures
DS3048 - Rev 7
page 40/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com