Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4890IDT Datasheet(PDF) 40 Page - STMicroelectronics

Part # TS4890IDT
Description  Rail-to-rail output 1 W audio power amplifier with standby mode active low
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890IDT Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TS4890IDT Datasheet HTML 36Page - STMicroelectronics TS4890IDT Datasheet HTML 37Page - STMicroelectronics TS4890IDT Datasheet HTML 38Page - STMicroelectronics TS4890IDT Datasheet HTML 39Page - STMicroelectronics TS4890IDT Datasheet HTML 40Page - STMicroelectronics TS4890IDT Datasheet HTML 41Page - STMicroelectronics TS4890IDT Datasheet HTML 42Page - STMicroelectronics TS4890IDT Datasheet HTML 43Page - STMicroelectronics TS4890IDT Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Application information
TS4890
40/46
DocID8396 Rev 7
How to use the PSRR curves
We have finished a design and we have chosen for the components:
•
Rin = Rfeed = 22 k
Ω
•
Cin=100 nF
•
Cb=1 µF
Now, in Figure 16, we can see the PSRR (input grounded) vs frequenc y curves. At 217 Hz,
we have a PSRR value of -36 dB. In reality we want a value about -70dB. So, we need a
gain of 34 dB. Now, in Figure 15 we can see the effect of Cb on the PSRR (input grounded)
vs frequency. With Cb=100 µF, we can reach the -70 dB value. The process to obtain the
final curve (Cb=100 µF, Cin=100 nF, Rin=Rfeed=22 k
Ω) is a simple transfer point by point
on each frequency of the curve on Figure 16 to the curve on Figure 15. The measurement
result is shown on the next figure.
Figure 109. PSRR changes with Cb
The PSRR is the power supply rejection ratio. It is a kind of SVR in a determined frequency
range. The PSRR of a device, is the ratio between a power supply disturbance and the
result on the output. We can say that the PSRR is the ability of a device to minimize the
impact of power supply disturbances to the output.
C12
1 µF
D1
Led 3 mm
S1, S2, S6, S7
2 mm insulated plug
10.16 mm pitch
S8
3 connector 2.54 mm
pitch
P1, P2
PCB phono jack
U1
TS4890ID or TS4890IS
Table 12. Components 4
Designator
Part type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com