Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990IQT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4990IQT
Description  1.2 W audio power amplifier with active-low standby mode
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990IQT Datasheet(HTML) 3 Page - STMicroelectronics

  TS4990IQT Datasheet HTML 1Page - STMicroelectronics TS4990IQT Datasheet HTML 2Page - STMicroelectronics TS4990IQT Datasheet HTML 3Page - STMicroelectronics TS4990IQT Datasheet HTML 4Page - STMicroelectronics TS4990IQT Datasheet HTML 5Page - STMicroelectronics TS4990IQT Datasheet HTML 6Page - STMicroelectronics TS4990IQT Datasheet HTML 7Page - STMicroelectronics TS4990IQT Datasheet HTML 8Page - STMicroelectronics TS4990IQT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
DocID9309 Rev 14
3/33
TS4990
Absolute maximum ratings and operating conditions
33
1
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
6V
Vin
Input voltage (2)
GND to VCC
V
Toper
Operating free-air temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient
Flip-chip (3)
MiniSO-8
DFN8
250
215
120
°C/W
Pdiss
Power dissipation
Internally limited
ESD
HBM: Human body model (4)
MM: Machine model (5)
2
200
kV
V
Latch-up immunity
200
mA
Lead temperature (soldering, 10 sec)
Lead temperature (soldering, 10 sec) for lead-free version
250
260
°C
1.
All voltage values are measured with respect to the ground pin.
2.
The magnitude of the input signal must never exceed VCC + 0.3 V / GND - 0.3 V.
3.
The device is protected in case of over temperature by a thermal shutdown active at 150° C.
4.
Human body model: A 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 k
resistor
between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating.
5.
Machine model: A 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the
device with no external series resistor (internal resistor < 5
). This is done for all couples of connected pin combinations
while the other pins are floating.
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.2 to 5.5
V
Vicm
Common mode input voltage range
1.2V to VCC
V
VSTBY
Standby voltage input:
Device ON
Device OFF
1.35
 V
STBY 
VCC
GND
 V
STBY  0.4
V
RL
Load resistor
 4
TSD
Thermal shutdown temperature
150
°C
Rthja
Thermal resistance junction to ambient
Flip-chip (1)
MiniSO-8
DFN8 (2)
100
190
40
°C/W
1.
This thermal resistance is reached with a 100 mm2 copper heatsink surface.
2.
When mounted on a 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com