Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS514IDT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS514IDT
Description  Precision quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS514IDT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS514IDT Datasheet HTML 6Page - STMicroelectronics TS514IDT Datasheet HTML 7Page - STMicroelectronics TS514IDT Datasheet HTML 8Page - STMicroelectronics TS514IDT Datasheet HTML 9Page - STMicroelectronics TS514IDT Datasheet HTML 10Page - STMicroelectronics TS514IDT Datasheet HTML 11Page - STMicroelectronics TS514IDT Datasheet HTML 12Page - STMicroelectronics TS514IDT Datasheet HTML 13Page - STMicroelectronics TS514IDT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Electrical characteristics
TS514
10/16
DocID5050 Rev 6
Figure 20. Frequency response for different
capacitive load at VCC= 10 V,
Vicm = 5 V and T = 25 °C
Figure 21. Frequency response for different
capacitive load at VCC = 30 V,
Vicm = 15 V and T = 25 °C
Figure 22. Gain margin vs. output current,
at VCC = 6 V, Vicm = 3 V and T = 25 °C
Figure 23. Gain margin vs. output current, at
VCC = 10 V, Vicm = 5 V and T = 25 °C
Figure 24. Gain margin vs. output current, at
VCC = 30 V, Vicm = 15 V and T = 25 °C
Figure 25. Phase margin vs. output current, at
VCC = 6 V, Vicm = 3 V and T = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com