Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL900 Datasheet(PDF) 8 Page - Elma Electronic Ltd

Part # GL900
Description  Manageable Gigabit Ethernet Switch 9 x 1000BASE-T (4 x PoE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

GL900 Datasheet(HTML) 8 Page - Elma Electronic Ltd

Back Button GL900 Datasheet HTML 4Page - Elma Electronic Ltd GL900 Datasheet HTML 5Page - Elma Electronic Ltd GL900 Datasheet HTML 6Page - Elma Electronic Ltd GL900 Datasheet HTML 7Page - Elma Electronic Ltd GL900 Datasheet HTML 8Page - Elma Electronic Ltd GL900 Datasheet HTML 9Page - Elma Electronic Ltd GL900 Datasheet HTML 10Page - Elma Electronic Ltd GL900 Datasheet HTML 11Page - Elma Electronic Ltd GL900 Datasheet HTML 12Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Embedded Gold • GL900 • Industrial PoE+ Gigabit Ethernet Switch
GbE Switch
88E6390
* denotes
in-band mgmt
capable ports
I2C
see next sheet
GbE PoE+
GbE
6 - PHY
0* - RGMII
10* - SERDES
3 - PHY
1* - PHY
4 - PHY
5 - PHY
9* - SERDES
IMP
2 - PHY
7 - PHY
8 - PHY
SERDES 2.5Gbps
27
512
2500BASE-X
4
1
SMI MDIO/MDC
Simplified Block Diagram
GL900 • Switch
1000
BASE-T
PHY
to CPU
previous sheet
2.5GbE
SFP
0* - RGMII
GbE
Marvell 88E1510
650.54.9.881510.00
2
3
4
0
4
5
6
7
8
GbE
DC
IN
© EKF
-8-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com