Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS514AIDT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS514AIDT
Description  Precision quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS514AIDT Datasheet(HTML) 3 Page - STMicroelectronics

  TS514AIDT Datasheet HTML 1Page - STMicroelectronics TS514AIDT Datasheet HTML 2Page - STMicroelectronics TS514AIDT Datasheet HTML 3Page - STMicroelectronics TS514AIDT Datasheet HTML 4Page - STMicroelectronics TS514AIDT Datasheet HTML 5Page - STMicroelectronics TS514AIDT Datasheet HTML 6Page - STMicroelectronics TS514AIDT Datasheet HTML 7Page - STMicroelectronics TS514AIDT Datasheet HTML 8Page - STMicroelectronics TS514AIDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID5050 Rev 6
3/16
TS514
Absolute maximum ratings and operating conditions
16
1
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18
V
Vi
Input voltage
VDD-0.2 to VCC+0.2
V
Vid
(1)
1. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
Differential input voltage
±VCC
V
Tstg
Storage temperature range
-65 to +150
°C
Rthja
Thermal resistance junction-to-ambient
SO-14
103
°C/W
Rthjc
Thermal resistance junction-to-case
SO-14
31
°C/W
ESD
HBM: human body model(2)
2. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through
a 1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2
kV
MM: machine model(3)
3. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
CDM: charged device model(4)
4. Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to ground through only one pin. This is done for all pins.
1.5
kV
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
6 to 30
V
Vicm
Common mode input voltage range
VDD +0.8 to VCC -1.5
V
Toper
Operating free air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com