Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2012 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSC2012
Description  High voltage, precision, bidirectional current sense amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2012 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSC2012 Datasheet HTML 7Page - STMicroelectronics TSC2012 Datasheet HTML 8Page - STMicroelectronics TSC2012 Datasheet HTML 9Page - STMicroelectronics TSC2012 Datasheet HTML 10Page - STMicroelectronics TSC2012 Datasheet HTML 11Page - STMicroelectronics TSC2012 Datasheet HTML 12Page - STMicroelectronics TSC2012 Datasheet HTML 13Page - STMicroelectronics TSC2012 Datasheet HTML 14Page - STMicroelectronics TSC2012 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Figure 7. Input bias current vs. input common mode with
shutdown active
-20
-10
0
10
20
30
40
50
60
70
-20
0
20
40
60
-400
-300
-200
-100
0
100
200
300
400
-400
-200
0
200
400
Vref=Vcc/2
SHDN=Vcc
Vsense=0V
T=25 °C
Vcc=2.7 to 5.5V
Iibp
Iibn
Vicm (V)
Figure 8. Input bias current vs. temperature VCC = 2.7 V
-20
-10
0
10
20
30
40
50
60
70
-20
0
20
40
60
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
-600
-400
-200
0
200
400
600
Iibp -40 °C
Iibp 125°C
Vref=V
CC/2
Vsense=0V
Vcc=2.7V
Iibp 25°C
Iibn [-40° : 125°]
Vicm (V)
Figure 9. Input bias current vs. temperature with VCC = 5 V
-20
-10
0
10
20
30
40
50
60
70
-20
0
20
40
60
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
-600
-400
-200
0
200
400
600
Iibp -40 °C
Iibp 125 °C
Vref=Vcc/2
Vsense=0V
Vcc=5V
Iibp 25°C
Iibn [ -40 °:125 °]
Vicm (V)
Figure 10. Input offset voltage vs. temperature
-40
-20
0
20
40
60
80
100
120
-40
0
40
80
120
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
-600
-400
-200
0
200
400
600
Vicm=70V
Vicm=48V
Vicm=0V
Vref=Vcc/2
Vsense=0V
Vcc=5V
Vicm= -20V
Vicm=12V
Temperature (°C)
TSC2010, TSC2011, TSC2012
Electrical characteristics
DS13057 - Rev 7
page 11/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com