Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC211IYCT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSC211IYCT
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211IYCT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSC211IYCT Datasheet HTML 2Page - STMicroelectronics TSC211IYCT Datasheet HTML 3Page - STMicroelectronics TSC211IYCT Datasheet HTML 4Page - STMicroelectronics TSC211IYCT Datasheet HTML 5Page - STMicroelectronics TSC211IYCT Datasheet HTML 6Page - STMicroelectronics TSC211IYCT Datasheet HTML 7Page - STMicroelectronics TSC211IYCT Datasheet HTML 8Page - STMicroelectronics TSC211IYCT Datasheet HTML 9Page - STMicroelectronics TSC211IYCT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vsw+
Output swing close to
VCC
RL=10 kΩ to Gnd
Tmin. < T < Tmax.
Vcc-0.2
Vcc-0.05
V
Vsw-
Output swing close to
Gnd
RL=10 kΩ to Gnd
Tmin. < T < Tmax.
5
30
mV
RLoad
Load regulation
IOUT= -10 to +10 mA
0.5
Ω
Dynamic performance
BW
Bandwidth
VCC = 5 V, Vicm = 12 V,
Cl = 100 pF
kHz
TSC210
25
TSC211
8
TSC212
6
TSC213
100
TSC214
40
TSC215
60
SR
Slew rate
VCC = 5 V, Vicm = 12 V,
Cl = 100 pF
V/µs
TSC210
0.2
TSC211
0.075
TSC212
0.05
TSC213
0.85
TSC214
0.32
TSC215
0.42
EN
Noise (RTI)(1)
f = 1 kHz
nV/√Hz
TSC210
40
TSC211
48
TSC212
50
TSC213
38
TSC214
40
TSC215
39
1. RTI stands for “related to input”
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Electrical characteristics
DS13237 - Rev 7
page 6/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com