Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28840/20CD1AAP2 Datasheet(PDF) 3 Page - Amphenol PCD, Inc

Part # M28840/20CD1AAP2
Description  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20CD1AAP2 Datasheet(HTML) 3 Page - Amphenol PCD, Inc

  M28840/20CD1AAP2 Datasheet HTML 1Page - Amphenol PCD, Inc M28840/20CD1AAP2 Datasheet HTML 2Page - Amphenol PCD, Inc M28840/20CD1AAP2 Datasheet HTML 3Page - Amphenol PCD, Inc M28840/20CD1AAP2 Datasheet HTML 4Page - Amphenol PCD, Inc M28840/20CD1AAP2 Datasheet HTML 5Page - Amphenol PCD, Inc M28840/20CD1AAP2 Datasheet HTML 6Page - Amphenol PCD, Inc M28840/20CD1AAP2 Datasheet HTML 7Page - Amphenol PCD, Inc M28840/20CD1AAP2 Datasheet HTML 8Page - Amphenol PCD, Inc M28840/20CD1AAP2 Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
4
5
M28840 SHIPBOARD CONNECTORS
Overview
Amphenol, a leading manufacturer of connectors now offers complete line of M28840 circular connectors according
to MIL-DTL-28840. These shipboard application connectors are precision-machined, highly reliable, and meet superior
mechanical shock performances. These high-density connectors are designed and tested to withstand extreme
environmental conditions and demanding applications. Amphenol also offers the full range of backshells to support this
connector series.
• US Navy shipboard, surface craft and submarines
• Mission critical combat and communications systems
• Mobile tactical shelters electronic battlefield networks
• Mobile emergency telecommunications (MET) stations
• Deployable outdoors in harsh environments
Applications
Features
• Precision-machined to MIL-DTL-28840 specification
• Available in nine shell sizes: 11, 13, 15, 17, 19, 23, 25, 29 & 33
• Pin count - 7, 12, 21, 31, 42, 64, 92, 121 and 155
• Plating options – Cadmium, Zinc Nickel & Tin Zinc (Commercial only)
• Support connectors and kits with accessories
• Six keying options (1, 2, 3, 4, 5, 6) for both plugs and receptacles
• Contact size is 20 with wire accommodation options from AWG 20 to AWG 28
• Crimp termination, rear insert and front release contacts
• Complete line of straight, 90o and 45o backshells
Benefits
• Fully intermateable and interchangeable with any qualified M28840 connector
• Backshell designs for strain relief, EMI and environmental sealing
• Options to buy connector kitted with backshell and accessories
• Same application tool for all three types of contacts
MIL-DTL-28840 SHIPBOARD ELECTRICAL CONNECTORS
Performance Specifications
Performance Specifications
Current Rating
Size # 20 contact 20AWG 7.5A, 22AWG 5.0A, 28AWG 1.5A, 30AWG 1.0A
Test Voltage
1000 VAC RMS at sea level, test in accordance with EIA-364-20
Insulation Resistance
5000 megohms min. (at ambient temp) per EIA-364-21
Contact Resistance
Per SAE-AS39029
Opertaing Temperature
-55o C to +200oC
Fluid Immersion
Test method EIA-364-10
Shock
In accordance with MIL-S-901 grade A
Vibration
In accordance with EIA-364-28
Magnetic Permeability
less than 2.0 µ (Aluminum) ASTM-A342/A342M
Materials & Finishes
Materials & Finishes
Shells, Coupling Nuts, Jam Nuts
Aluminum Alloy per ASTM B211, or Stainless Steel per AMS-QQ-S-763
Contacts
Copper Alloy, 50 microinches Gold plated per ASTM B488 Type 3, Code C
Class 1 over nickel underplate per QQ-N-290
Class 2 Socket contact hood: Stainless Steel passivated
Insulators
High Grade Engineering Plastic
Contact Retention Clip
Beryllium Copper
Grommet Seal
Blended Elastomer
Plating
Cadmium, Zinc Nickel & Tin Zinc (Commercial only)
Contact Code
Type
Contact Specification
Contact Size
Acceptable Wire Size
Outside Ø of Finished Wire
Min.
Max.
F
Pin
M39029/83-508
20-20
24
22
20
1.02
(.040)
1.02
(.040)
G
Socket
MS39029/84-509
P
Pin
MS39029/83-450
20-22
26
24
22
S
Socket
MS39029/84-452
D
Pin
MS39029/83-451
20-28
32
30
28
E
Socket
MS39029/84-453



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com