Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28840/20CD1BAP2 Datasheet(PDF) 24 Page - Amphenol PCD, Inc

Part # M28840/20CD1BAP2
Description  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20CD1BAP2 Datasheet(HTML) 24 Page - Amphenol PCD, Inc

Back Button M28840/20CD1BAP2 Datasheet HTML 17Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 18Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 19Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 20Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 21Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 22Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 23Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 24Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 25Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
46
47
CONTACT CRIMPING, INSERTION, REMOVAL TOOLS
M22520/34-01 Basic Crimp Tool
Qualified to M22520/34-01, this crimp tool prevents improper crimps
and over crimping and is based on the AFM8 miniature adjustable
crimp tool, it performs a modified eight impression crimp with a
precision cycle controlled ratcheting mechanism for gas-tight wire
terminations and excellent tensile strength. Also featured is a four-
step crimp depth selector knob and is designed for use with the
M22520/34-02 bayonet-type Positioner. Gaging is accomplished with
the M22520/35 “Go/No-Go” Gage. The adjustment wheel has eight
settings. Check calibration with the M22520/35 gage. Length is 6.75
inches, weight is approximately 10oz.
M22520/34-02 Positioner
This bayonet type positioned locates and holds contacts at the cor-
rect position for crimping with the M22520/34-01 Basic Crimp Tool.
The face plate shows the correct tool settings. The face plate shows
the correct tool
settings.
M22520/35 Gauge
Periodic Gauging is recommended to ensure accurate calibration and
is easily accomplished by setting the tool selector knob to the proper
position and checking the indenter closure with the M22520/35 “Go/
No-Go” Gauge.
M22520/34-01 Basic Crimp Tool
Qualified to M22520/34-01, this crimp tool prevents improper crimps
and over crimping and is based on the AFM8 miniature adjustable
crimp tool, it performs a modified eight impression crimp with a
precision cycle controlled ratcheting mechanism for gas-tight wire
terminations and excellent tensile strength. Also featured is a four-
step crimp depth selector knob and is designed for use with the
M22520/34-02 bayonet-type Positioner. Gaging is accomplished with
the M22520/35 “Go/No-Go” Gage. The adjustment wheel has eight
settings. Check calibration with the M22520/35 gage. Length is 6.75
inches, weight is approximately 10oz.
M22520/34-02 Positioner
This bayonet type positioned locates and holds contacts at the cor-
rect position for crimping with the M22520/34-01 Basic Crimp Tool.
The face plate shows the correct tool settings. The face plate shows
the correct tool
settings.
M22520/35 Gauge
Periodic Gauging is recommended to ensure accurate calibration and
is easily accomplished by setting the tool selector knob to the proper
position and checking the indenter closure with the M22520/35 “Go/
No-Go” Gauge.
CONTACT INSERTION/EXTRACTION INSTRUCTIONS
1. Insertion of Contacts
1. Insertion of Contacts: Insert wired contacts & tool
into contact ‘clicks’ into retention clip A straight pull on
the wire will assure the contact is properly seated. Note:
Isopropyl alcohol maybe used sparingly as a lubricant.
2. Assembly
After all contacts are inserted, assemble backshell or
strain relief according to Amphenol backshell catalog
instructions.
1. Contact Extraction
Remove backshell or strain relief from connector.
2. Contact Extraction
MIL-DTL-28840 connector contacts are extracted from
the rear but released from the front of the connector.
Using an extraction tool, slide tool tip into front of con-
tact cavity (Mating face of connector, until tool tip
engages against contact retention clip. Push plunger
with min. force to release contact. Note: Isopropyl alco-
hol may be used sparingly as a lubricant.
3. Contact Extraction
Pull wired contact from rear grommet of connector.
Contact Replacement
After replacing contact re-insert starting with assembly
instructions number 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com