Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAD Datasheet(PDF) 1 Page - E-SWITCH

Part # KAD
Description  KAD Series DIP Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KAD Datasheet(HTML) 1 Page - E-SWITCH

  KAD Datasheet HTML 1Page - E-SWITCH KAD Datasheet HTML 2Page - E-SWITCH KAD Datasheet HTML 3Page - E-SWITCH KAD Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-switch.com
800.867.2717
1
RoHS
Audio / Visual
Computer Peripherals
Consumer Electronics
Instrumentation
Telecommunication
Specifications
Part Number Configurator
Features & Benefits
Applications / Markets
KAD Series DIP Switch
Specifications subject to change without notice
• Tri-state DIP switch
• Straight pins (Through Hole), or gullwing (SMT) termi-
nation options
• Tube or Tape & Reel packaging options
• Top tape seal option with recessed actuator
• Low profile
• 4, 5, 8, 9, or 10 positions
• Gold contacts
• Switches are supplied with all poles in “OFF” position
Electrical Rating: 100mA @ 50VDC Non-Switching
25mA @ 24VDC Switching
Life Expectancy: 2,000 Cycles each circuit
Contact Resistance: 100mΩ Max.
Insulation Resistance: 100 MΩ Min. at 500VDC
Dielectric Strength: 500VAC for 1 min.
Operating Temperature: -20°C to 85°C
Storage Temperature: -40°C to 85°C
Travel: 0.8mm in each direction
Contact Arrangement: SPDT each position
KAD
04 - 4 position
05 - 5 positions
08 - 8 positions
09 - 9 positions
10 - 10 positions
T - Tube
R - Tape & Reel
(Gullwing only)
L - Extended
S - Recessed without
top tape seal
T - Recessed with top
tape seal
H - Straight
G - Gullwing
G - Gold
Series
No. of
Positions
Packaging
Actuator
Termination
Contact
Material
Medical Equipment
Specifications subject to change without notice 2.8.2023


Similar Part No. - KAD

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KAD E-SWITCH-KAD Datasheet
408Kb / 1P
DIP SWITCHES - HALF PITCH
logo
Samsung semiconductor
KAD0228BD SAMSUNG-KAD0228BD Datasheet
188Kb / 12P
8-BIT 30 MSPS CMOS A/D CONVERTER
logo
E-SWITCH
KAD02SGGR E-SWITCH-KAD02SGGR Datasheet
408Kb / 1P
DIP SWITCHES - HALF PITCH
KAD02SGGT E-SWITCH-KAD02SGGT Datasheet
408Kb / 1P
DIP SWITCHES - HALF PITCH
KAD02TGGR E-SWITCH-KAD02TGGR Datasheet
408Kb / 1P
DIP SWITCHES - HALF PITCH
More results

Similar Description - KAD

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
DIP SWITCH
logo
Omron Electronics LLC
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
DIP Switch
logo
Tyco Electronics
2-1437590-5 MACOM-2-1437590-5 Datasheet
192Kb / 1P
DIP SWITCH GOH SERIES
1571983-5 MACOM-1571983-5 Datasheet
131Kb / 1P
DIP SWITCH GDH SERIES
GDH10S04 MACOM-GDH10S04 Datasheet
129Kb / 1P
DIP SWITCH GDH SERIES
GDH04S04 MACOM-GDH04S04 Datasheet
128Kb / 1P
DIP SWITCH GDH SERIES
GDH04STR04 MACOM-GDH04STR04 Datasheet
138Kb / 1P
DIP SWITCH GDH SERIES
logo
E-SWITCH
KAC E-SWITCH-KAC Datasheet
775Kb / 2P
kac SerieS Dip Switch
KAE E-SWITCH-KAE Datasheet
1Mb / 3P
KAE Series DIP Switch
logo
CUI INC
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
DIP SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com