Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZ120FC Datasheet(PDF) 2 Page - APEM

Part # PZ120FC
Description  Piezoelectric keypads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PZ120FC Datasheet(HTML) 2 Page - APEM

  PZ120FC Datasheet HTML 1Page - APEM PZ120FC Datasheet HTML 2Page - APEM PZ120FC Datasheet HTML 3Page - APEM PZ120FC Datasheet HTML 4Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• Front panel : anodized aluminum
• Case : hard thermoplastic resin
• Sealing O-ring : neoprene
• Marking : chemically structured anodized silk screen with
high abrasion resistance
APEM products may be recycled at end-of-life for the re-claiming of valuable metal
components.
MATERIALS
Piezoelectric keypads
PZ series
• Specific marking including colors
• Backlighted version (under development)
EXTRA FEATURES
AVAILABLE ON REQUEST
• Actuating contact force : 2 to 4 N (depending on
temperature)
• Stroke : none
• Mechanical life : 10 million cycles min.
• Connection : 8-pin male connector
GENERAL SPECIFICATIONS
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com