Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTCP-130 Datasheet(PDF) 1 Page - Comus International

Part # PTCP-130
Description  Proximity Switch - Reed Switch based
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

PTCP-130 Datasheet(HTML) 1 Page - Comus International

  PTCP-130 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number: PTCP 130/30 (Alternate Part No: S1499)
Proximity Switch - Reed Switch based
Threaded - Change Over Contacts - Suggested Magnet: PRM
PICTURE
APPLICATIONS INCLUDE
FEATURES
DIMENSIONS
SPECIFICATION
Drawings not to scale.
All dimensions in inches (mm) nominal.
• M6 Thread
• Custom cable lengths, strip lengths, cable types, terminations.
• If you do not see what you need, just ask, as there is a strong
possibility we can do it !
• Device is intended to be mounted in an enclosure under UL
recognition.
• Position and limit sensing
• Linear actuators
• Security system switch
• Door Switch
Contact Form / Style
Change Over
Switching Capacity (Resistive)
5 W/VA Max.
Switching Voltage
100 VAC Max.
Switching Current
0.5 A. Max.
Carry Current
1.0 A. Max.
Breakdown Voltage
200 VDC Min.
Contact Resistance
150 mOhms Max.
Switching Distance
3 mm Min.
Operating Temperature Range
-20°C +85°C
Storage Temperature Range
-25°C +90°C
Case Material
Black Acetal
Cable
3 x Round 0.22mm2 PVC Insulated Brown / White / Green
11.811 (300.0)
M6 Thread
1.102 (28.0)
2 x M6
Nuts
Group
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2015 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
7 / 2015


Similar Part No. - PTCP-130

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
PTCP-12-34 TAB-PTCP-12-34 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-12-34 TECHNOLOGY-PTCP-12-34 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
PTCP-12-50 TAB-PTCP-12-50 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-12-50 TECHNOLOGY-PTCP-12-50 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
PTCP-12-66 TAB-PTCP-12-66 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
More results

Similar Description - PTCP-130

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA305 SIEMENS-TCA305 Datasheet
112Kb / 7P
Proximity Switch
TCA205 SIEMENS-TCA205 Datasheet
176Kb / 6P
Proximity Switch
TCA305 SIEMENS-TCA305_05 Datasheet
593Kb / 7P
Proximity Switch
logo
Festo Corporation.
8138000 FESTO-8138000 Datasheet
85Kb / 2P
Proximity switch
8117063 FESTO-8117063 Datasheet
74Kb / 1P
Proximity switch
8117065 FESTO-8117065 Datasheet
74Kb / 1P
Proximity switch
8117066 FESTO-8117066 Datasheet
74Kb / 1P
Proximity switch
8152201 FESTO-8152201 Datasheet
95Kb / 2P
Proximity switch
1/21/22
8150171 FESTO-8150171 Datasheet
85Kb / 2P
Proximity switch
7/11/22
8150173 FESTO-8150173 Datasheet
82Kb / 2P
Proximity switch
7/11/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com