Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1372 Datasheet(PDF) 1 Page - Comus International

Part # S1372
Description  Proximity Switch - Reed Switch based
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

S1372 Datasheet(HTML) 1 Page - Comus International

  S1372 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number: S1372
Proximity Switch - Reed Switch based
Cylindrical - Normally Open Contacts - Suggested Magnet: PRLM
PICTURE
APPLICATIONS INCLUDE
OPTIONS
DIMENSIONS
SPECIFICATION
Drawings not to scale.
All dimensions in inches (mm) nominal.
• Miniature
• Custom cable lengths, strip lengths, cable types, terminations.
• If you do not see what you need, just ask, as there is a strong
possibility we can do it !
• Position and limit sensing
• Linear actuators
• Security system switch
• Door Switch
Contact Form / Style
Normally Open
Switching Capacity (Resistive)
10 W/VA Max.
Switching Voltage
200 VAC Max.
Switching Current
0.5 A. Max.
Carry Current
0.5 A. Max.
Breakdown Voltage
230 VDC Min.
Contact Resistance
115 mOhms Max.
Switching Distance
5 mm Min.
Operating Temperature Range
-20°C +85°C
Storage Temperature
-25°C +90°C
Case Material
Black Polypropylene
Cable
2 x 0.12mm2 PTFE Insulated Black
0.709
(18.0)
3.570
(90.0)
0.138 (3.5)
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
Group
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2019 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Rev: 1 - Date: May/24/2019 - Signature: BR


Similar Part No. - S1372

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
S13 YANGJIE-S13 Datasheet
105Kb / 2P
Schottky Rectifier
logo
RFE international
S13 RFE-S13 Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-14-2022
logo
Harwin Plc
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
logo
List of Unclassifed Man...
S1300 ETC-S1300 Datasheet
1Mb / 16P
POSITION SENSITIVE DETECTOR
logo
Roithner LaserTechnik G...
S1300-5MG-BL ROITHNER-S1300-5MG-BL Datasheet
675Kb / 4P
Un-cooled Laser diode with MQW structure Wide operation temperature range
More results

Similar Description - S1372

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA305 SIEMENS-TCA305 Datasheet
112Kb / 7P
Proximity Switch
TCA205 SIEMENS-TCA205 Datasheet
176Kb / 6P
Proximity Switch
TCA305 SIEMENS-TCA305_05 Datasheet
593Kb / 7P
Proximity Switch
logo
Festo Corporation.
8138000 FESTO-8138000 Datasheet
85Kb / 2P
Proximity switch
8117063 FESTO-8117063 Datasheet
74Kb / 1P
Proximity switch
8117065 FESTO-8117065 Datasheet
74Kb / 1P
Proximity switch
8117066 FESTO-8117066 Datasheet
74Kb / 1P
Proximity switch
8152201 FESTO-8152201 Datasheet
95Kb / 2P
Proximity switch
1/21/22
8150171 FESTO-8150171 Datasheet
85Kb / 2P
Proximity switch
7/11/22
8150173 FESTO-8150173 Datasheet
82Kb / 2P
Proximity switch
7/11/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com