Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBAR1AFB000AX Datasheet(PDF) 1 Page - APEM

Part # PBAR1AFB000AX
Description  ATEX approved piezo switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAR1AFB000AX Datasheet(HTML) 1 Page - APEM

  PBAR1AFB000AX Datasheet HTML 1Page - APEM PBAR1AFB000AX Datasheet HTML 2Page - APEM PBAR1AFB000AX Datasheet HTML 3Page - APEM PBAR1AFB000AX Datasheet HTML 4Page - APEM PBAR1AFB000AX Datasheet HTML 5Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• Operating force : 2 to 6 N
• Torque : 2.5 Nm max.
• Life expectancy : 50 million cycles
• EMC compatibility according to EN 61058-1
• In accordance with EN 60079:2009* ; EN 60079-26:2007 ; EN 60079-
11:2012 ; EN 50303:2000
GENERAL SPECIFICATIONS
*Changes to the latest standards EN 60079-0:2012 do not affect compliance with the essential
requirements.
• Sealing : IP66 per IEC 60529 (switches mounted on panel)
• Operating temperature : -40 °C to +55 °C (-40 °F to +131 °F)
ENVIRONMENTAL SPECIFICATIONS
• Rated voltage : 5 V to 24 VAC/DC max.
• Rated current : 200 mA max. at 6 VAC/DC
50 mA max. at 24 VAC/DC (power limited to 1.2 W for user group II)
• Contact resistance (ON) : 10 Ω max.
• Insulation resistance (OFF) : 5 MΩ min.
• Make impulse time : depending on actuating force and speed
• LED : 5 VDC, 10 mA to 20 mA depending on model
ELECTRICAL SPECIFICATIONS
Approved according to the ATEX 2014/34/EU directive
Sealed to IP66 (mounted on panel)
Easy to clean metal surface
Long life
Illuminated models
DISTINCTIVE FEATURES
PBA series
ATEX approved piezo switches
The company reserves the right to change specifications without notice.
1
SW-PBAATEX-1801


Similar Part No. - PBAR1AFB000AX

ManufacturerPart #DatasheetDescription
logo
APEM
PBAR1AFB000A0B APEM-PBAR1AFB000A0B Datasheet
3Mb / 16P
Piezo switches
PBAR1AFB000A0G APEM-PBAR1AFB000A0G Datasheet
3Mb / 16P
Piezo switches
PBAR1AFB000A0S APEM-PBAR1AFB000A0S Datasheet
3Mb / 16P
Piezo switches
More results

Similar Description - PBAR1AFB000AX

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPD1S2W4P ITT-KPD1S2W4P Datasheet
265Kb / 3P
Piezo Pulse Momentary Pushbutton Switches
logo
Nihon Kaiheiki Industry...
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
Internationally Approved Pushbuttons
logo
SHIELD s.r.l.
MN-PK SHIELD-MN-PK Datasheet
86Kb / 1P
PVC, HAR approved
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
P2022B NKK-P2022B Datasheet
491Kb / 4P
Internationally Approved Toggles
logo
HB Electronic Component...
MR16-36PCS-W3-GU10 HB-MR16-36PCS-W3-GU10 Datasheet
548Kb / 2P
CE Approved
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI_15 Datasheet
108Kb / 7P
Optocoupler, Phototransistor Output, ATEX Certified
10-Feb-15
CNY65EXI VISHAY-CNY65EXI_V01 Datasheet
144Kb / 8P
Optocoupler, Phototransistor Output, ATEX Certified
24-Jun-2022
CNY65EXI VISHAY-CNY65EXI_V02 Datasheet
144Kb / 8P
Optocoupler, Phototransistor Output, ATEX Certified
24-Jun-2022
logo
Lapp.
52104570 LAPP-52104570 Datasheet
128Kb / 2P
SKINDICHT® MR-M ATEX
03.07.2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com