Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4012DRP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # S4012DRP
Description  isc Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S4012DRP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  S4012DRP Datasheet HTML 1Page - Inchange Semiconductor Company Limited S4012DRP Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc Thyristors
S4012DRP
www.iscsemi.com
1
FEATURES
· Voltage Capability Up To 400V
· Surge Capability Up To 120 A
· Glass – Passivated Junctions
APPLICATIONS
· Engine Ignition
· Control Devices For White Doods
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
400
V
VRRM
Repetitive Peak Reverse Voltage
400
V
IT(RMS)
RMS On-state Current,Tc= 105℃
12
A
IT(AV)
Average On-state Current, Tc= 105℃
7.5
A
ITSM
Peak Non-repetitive Surge Current,
Single Half Cycle,TJ= 25℃
f=50HZ
100
A
f=60HZ
120
PG(AV)
Average Gate Power Dissipation,TJ= 125℃
0.5
W
di/dt
Critical Rate Of Rise Of On-state Current,
f=60HZ,TJ= 125℃
100
A/us
I2t
I2t for fusing t= 8.3 ms
60
A2S
IGM
Peak Gate Current,TJ= 125℃
2
A
TJ
Operating Junction Temperature
-40 ~+125
℃
Tstg
Storage Temperature
-40 ~+150
℃


Similar Part No. - S4012DRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
Teccor brand Thyristors 12 Amp Standard SCRs
More results

Similar Description - S4012DRP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com