Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1300BDWVR Datasheet(PDF) 22 Page - Texas Instruments

Part # AMC1300BDWVR
Description  AMC1300 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1300BDWVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC1300BDWVR Datasheet HTML 18Page - Texas Instruments AMC1300BDWVR Datasheet HTML 19Page - Texas Instruments AMC1300BDWVR Datasheet HTML 20Page - Texas Instruments AMC1300BDWVR Datasheet HTML 21Page - Texas Instruments AMC1300BDWVR Datasheet HTML 22Page - Texas Instruments AMC1300BDWVR Datasheet HTML 23Page - Texas Instruments AMC1300BDWVR Datasheet HTML 24Page - Texas Instruments AMC1300BDWVR Datasheet HTML 25Page - Texas Instruments AMC1300BDWVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
8.3.3 Analog Output
The AMC1300 offers a differential analog output comprised of the OUTP and OUTN pins. For differential input
voltages (VINP – VINN) in the range from –250 mV to +250 mV, the device provides a linear response with a
nominal gain of 8.2. For example, for a differential input voltage of 250 mV, the differential output voltage (VOUTP
– VOUTN) is 2.05 V. At zero input (INP shorted to INN), both pins output the same common-mode output voltage
VCMout, as specified in the Electrical Characteristics table. For absolute differential input voltages greater than
250 mV but less than 320 mV, the differential output voltage continues to increase in magnitude but with reduced
linearity performance. The outputs saturate at a differential output voltage of VCLIPout, as shown in Figure 8-2, if
the differential input voltage exceeds the VClipping value.
Linear input range (VFSR)
Maximum input range before clipping (VClipping)
320 mV
320 mV
250 mV
250 mV
0
VOUTP
VOUTN
Differential Input Voltage (VINP – VINN)
VCMout
VCLIPout
VFAILSAFE
Figure 8-2. Output Behavior of the AMC1300
The AMC1300 offers a fail-safe feature that simplifies diagnostics on system level. Figure 8-2 shows the fail-safe
potential that is a negative differential output voltage that does not occur under normal operating conditions. The
fail-safe output is active in two cases:
• When the high-side supply is missing or below the VDD1UV threshold
• When the common-mode input voltage, that is VCM = (VINP + VINN) / 2, exceeds the common-mode
overvoltage detection level VCMov
Use the maximum VFAILSAFE voltage specified in the Electrical Characteristics table as a reference value for
fail-safe detection on system level.
8.4 Device Functional Modes
The AMC1300 is operational when the power supplies VDD1 and VDD2 are applied, as specified in the
Recommended Operating Conditions table.
AMC1300
SBAS895D – MAY 2018 – REVISED MAY 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC1300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com