Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3336 Datasheet(PDF) 8 Page - Texas Instruments

Part # AMC3336
Description  AMC3336 High-Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3336 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 4Page - Texas Instruments AMC3336 Datasheet HTML 5Page - Texas Instruments AMC3336 Datasheet HTML 6Page - Texas Instruments AMC3336 Datasheet HTML 7Page - Texas Instruments AMC3336 Datasheet HTML 8Page - Texas Instruments AMC3336 Datasheet HTML 9Page - Texas Instruments AMC3336 Datasheet HTML 10Page - Texas Instruments AMC3336 Datasheet HTML 11Page - Texas Instruments AMC3336 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
6.9 Electrical Characteristics
all minimum and maximum specifications are at TA = –40°C to 125°C, VDD = 3.0 V to 5.5 V, INP = –1 V to +1 V, INN = 0 V,
and sinc3 filter with OSR = 256 (unless otherwise noted); typical values are at TA = 25°C, CLKIN = 20 MHz, VDD = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
RIN
Single-ended input resistance
INN = HGND
0.06
1
GΩ
RIND
Differential input resistance
0.06
1
GΩ
IIB
Input bias current
INP = INN = HGND; IIB = (IIBP + IIBN) / 2
–10
10
nA
IIO
Input offset current(1)
IIO = IIBP – IIBN
–5
±0.5
5
nA
CIN
Single-ended input capacitance
INN = HGND; fIN = 310 kHz, fCLKIN = 20
MHz
2
pF
CIND
Differential input capacitance
fIN = 310 kHz, fCLKIN = 20 MHz
2
pF
ACCURACY
EO
Offset error(1)
INP = INN = HGND, TA = 25°C
–0.3
±0.04
0.3
mV
TCEO
Offset error thermal drift(4)
–4
4
µV/°C
EG
Gain error
TA = 25°C
–0.2%
0.2%
TCEG
Gain error thermal drift(5)
–40
40
ppm/°C
DNL
Differential nonlinearity
Resolution: 16 bits
–0.99
0.99
LSB
INL
Integral nonlinearity
Differential measurement; Resolution: 16
bits
–4
4
LSB
Single-ended measurement; Resolution:
16 bits
–6
6
SNR
Signal-to-noise ratio
fIN = 1 kHz
80
84
dB
SINAD
Signal-to-noise + distortion
fIN = 1 kHz
77
84
dB
THD
Total harmonic distortion(3)
VIN = 2 VPP, fIN = 1 kHz
–93
–80
dB
SFDR
Spurious-free dynamic range
VIN = 2 VPP, fIN = 1 kHz
79
96
dB
CMRR
Common-mode rejection ratio
INP = INN, fIN = 0 Hz, VCM min ≤ VCM ≤
VCM max
–104
dB
INP = INN, fIN = 10 kHz, –0.5 V ≤ VIN ≤
0.5 V
–89
PSRR
Power-supply rejection ratio
VDD from 3.0 V to 5.5 V, at dc
–109
dB
INP = INN = HGND, VDD from 3.0 V to
5.5 V, 10 kHz / 100 mV ripple
–104
DIGITAL I/O
IIN
Input leakage current
GND ≤ VIN ≤ VDD
7
μA
CIN
Input capacitance
4
pF
VIH
High-level input voltage
0.7 × VDD
VDD + 0.3
V
VIL
Low-level input voltage
–0.3
0.3 × VDD
V
CLOAD
Output load capacitance
15
30
pF
VOH
High-level output voltage
IOH = –20 µA
VDD – 0.1
V
IOH = –4 mA
VDD – 0.4
VOL
Low-level output voltage
IOL = 20 µA
0.1
V
IOL = 4 mA
0.4
CMTI
Common-mode transient immunity
90
150
kV/μs
AMC3336
SBASA70 – APRIL 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com