Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7924PAPR Datasheet(PDF) 8 Page - Texas Instruments

Part # AMC7924PAPR
Description  AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7924PAPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC7924PAPR Datasheet HTML 3Page - Texas Instruments AMC7924PAPR Datasheet HTML 4Page - Texas Instruments AMC7924PAPR Datasheet HTML 5Page - Texas Instruments AMC7924PAPR Datasheet HTML 6Page - Texas Instruments AMC7924PAPR Datasheet HTML 7Page - Texas Instruments AMC7924PAPR Datasheet HTML 8Page - Texas Instruments AMC7924PAPR Datasheet HTML 9Page - Texas Instruments AMC7924PAPR Datasheet HTML 10Page - Texas Instruments AMC7924PAPR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Body length does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed 0.15
per side.
4. Body width does not include interlead flash. Interlead flash shall not exceed 0.50 per side.
5. Strap features may not be present.
6. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PowerPAD is a trademark of Texas Instruments
PACKAGE OUTLINE
4225982/B 07/2021
www.ti.com
HTQFP - 1.2 mm max height
PLASTIC QUAD FLATPACK
PAP0064N
A
0.08 C
B
10.2
9.8
10.2
9.8
12.2
11.8
PIN 1 ID
4X 7.5
60X 0.5
64X 0.27
0.17
0.08
C A
B
SEATING PLANE
C
0.09- 0.20
TYP
SEE DETAIL A
1.2
1
1
16
17
32
33
48
49
64
(1)
0.15
0.05
0.25
GAGE PLANE
0° MIN
0°- 7°
0.75
0.45
5.30
4.06
(0.11) TYP
NOTE 5
EXPOSED
THERMAL PAD
(0.11) TYP
NOTE 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com