Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # AMC7836IPAPRG4
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAPRG4 Datasheet(HTML) 2 Page - Texas Instruments

  AMC7836IPAPRG4 Datasheet HTML 1Page - Texas Instruments AMC7836IPAPRG4 Datasheet HTML 2Page - Texas Instruments AMC7836IPAPRG4 Datasheet HTML 3Page - Texas Instruments AMC7836IPAPRG4 Datasheet HTML 4Page - Texas Instruments AMC7836IPAPRG4 Datasheet HTML 5Page - Texas Instruments AMC7836IPAPRG4 Datasheet HTML 6Page - Texas Instruments AMC7836IPAPRG4 Datasheet HTML 7Page - Texas Instruments AMC7836IPAPRG4 Datasheet HTML 8Page - Texas Instruments AMC7836IPAPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
2
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 7
6.1
Absolute Maximum Ratings ...................................... 7
6.2
ESD Ratings.............................................................. 7
6.3
Recommended Operating Conditions ....................... 8
6.4
Thermal Information .................................................. 8
6.5
Electrical Characteristics: DAC ................................ 9
6.6
Electrical Characteristics: ADC and Temperature
Sensor...................................................................... 11
6.7
Electrical Characteristics: General .......................... 12
6.8
Timing Requirements .............................................. 13
6.9
Typical Characteristics: DAC .................................. 15
6.10
Typical Characteristics: ADC ................................ 21
6.11
Typical Characteristics: Reference ....................... 23
6.12
Typical Characteristics: Temperature Sensor....... 23
7
Detailed Description ............................................ 24
7.1
Overview ................................................................. 24
7.2
Functional Block Diagram ....................................... 25
7.3
Feature Description................................................. 26
7.4
Device Functional Modes........................................ 40
7.5
Programming........................................................... 43
7.6
Register Maps ......................................................... 45
8
Application and Implementation ........................ 72
8.1
Application Information............................................ 72
8.2
Typical Application ................................................. 75
9
Power Supply Recommendations ...................... 78
9.1
Device Reset Options ............................................. 79
10
Layout................................................................... 79
10.1
Layout Guidelines ................................................. 79
10.2
Layout Example .................................................... 80
11
Device and Documentation Support ................. 81
11.1
Documentation Support ........................................ 81
11.2
Receiving Notification of Documentation Updates 81
11.3
Community Resources.......................................... 81
11.4
Trademarks ........................................................... 81
11.5
Electrostatic Discharge Caution ............................ 81
11.6
Glossary ................................................................ 81
12
Mechanical, Packaging, and Orderable
Information ........................................................... 81
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (April 2016) to Revision D
Page
•
Changed 4.5 V to 4.7 V in AVDD description in Pin Functions .............................................................................................. 5
•
Changed 4.5 V to 4.7 V in DVDD description in Pin Functions .............................................................................................. 6
•
Changed Supply voltage, AVDD MIN value from 4.5 V to 4.7 V ............................................................................................ 8
•
Changed Supply voltage, DVDD MIN value from 4.5 V to 4.7 V ............................................................................................ 8
•
Changed Supply voltage, AVCC MIN value from 4.5 V to 4.7 V ............................................................................................ 8
•
Changed AVDD = DVDD = 4.5 to 5.5 V to AVDD = DVDD = 4.7 to 5.5 V in Electrical Characteristics: DAC conditions............ 9
•
Changed AVDD = DVDD = 4.5 to 5.5 V to AVDD = DVDD = 4.7 to 5.5 V in Electrical Characteristics: ADC and
Temperature Sensor conditions .......................................................................................................................................... 11
•
Changed AVDD = DVDD = 4.5 to 5.5 V to AVDD = DVDD = 4.7 to 5.5 V in Electrical Characteristics: General conditions .... 12
•
Changed AVDD = DVDD = 4.5 to 5.5 V to AVDD = DVDD = 4.7 to 5.5 V in Timing Requirements conditions ........................ 13
•
Changed operating output range to auto-range detector output range in first sentence in DAC Clear Operation section.. 29
•
Added paragraph and Figure 59 to Internal Reference section ........................................................................................... 38
•
Changed 4.5 V to 4.7 V in All-Negative DAC Range Mode section .................................................................................... 41
•
Added paragraph to Power Supply Recommendations section .......................................................................................... 78
•
Added paragraph to Power Supply Recommendations section .......................................................................................... 79
Changes from Revision B (February 2015) to Revision C
Page
•
Changed Figure 117; corrected pins 63 and 64 ................................................................................................................... 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com