Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7932PHPR Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC7932PHPR
Description  AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7932PHPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC7932PHPR Datasheet HTML 3Page - Texas Instruments AMC7932PHPR Datasheet HTML 4Page - Texas Instruments AMC7932PHPR Datasheet HTML 5Page - Texas Instruments AMC7932PHPR Datasheet HTML 6Page - Texas Instruments AMC7932PHPR Datasheet HTML 7Page - Texas Instruments AMC7932PHPR Datasheet HTML 8Page - Texas Instruments AMC7932PHPR Datasheet HTML 9Page - Texas Instruments AMC7932PHPR Datasheet HTML 10Page - Texas Instruments AMC7932PHPR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(5.17)
44X (0.5)
48X (1.6)
48X (0.3)
(R0.05) TYP
(8.5)
(8.5)
(5.17)
BASED ON
0.125 THICK
STENCIL
4.37 X 4.37
0.175
4.72 X 4.72
0.150
5.17 X 5.17 (SHOWN)
0.125
5.78 X 5.78
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
PowerPAD
HTQFP - 1.2 mm max height
PHP0048N
PLASTIC QUAD FLATPACK
4229966/A 09/2023
NOTES: (continued)
11. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
12. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
EXPOSED PAD
100% PRINTED SOLDER COVERAGE BY AREA
SCALE:8X
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES
BASED ON
0.125 THICK STENCIL
SYMM
SYMM
48
37
13
24
25
36
1
12
BY SOLDER MASK
METAL COVERED
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com