Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMR-R2G4.A Datasheet(PDF) 39 Page - Texas Instruments

Part # BQ40Z50RSMR-R2G4.A
Description  BQ40Z50-R2 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMR-R2G4.A Datasheet(HTML) 39 Page - Texas Instruments

Back Button BQ40Z50RSMR-R2G4.A Datasheet HTML 35Page - Texas Instruments BQ40Z50RSMR-R2G4.A Datasheet HTML 36Page - Texas Instruments BQ40Z50RSMR-R2G4.A Datasheet HTML 37Page - Texas Instruments BQ40Z50RSMR-R2G4.A Datasheet HTML 38Page - Texas Instruments BQ40Z50RSMR-R2G4.A Datasheet HTML 39Page - Texas Instruments BQ40Z50RSMR-R2G4.A Datasheet HTML 40Page - Texas Instruments BQ40Z50RSMR-R2G4.A Datasheet HTML 41Page - Texas Instruments BQ40Z50RSMR-R2G4.A Datasheet HTML 42Page - Texas Instruments BQ40Z50RSMR-R2G4.A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Figure 9-14. Thermistor Drive
9.2.2.3.5 LEDs
Three LED control outputs provide constant current sinks for the driving external LEDs. These outputs are
configured to provide voltage and control for up to five LEDs. No external bias voltage is required. Unused
LEDCNTL pins can remain open or they can be connected to VSS. The DISP pin should be connected to VSS if
the LED feature is not used.
Figure 9-15. LEDs
9.2.2.3.6 Safety PTC Thermistor
The BQ40Z50-R2 device provides support for a safety PTC thermistor. The PTC thermistor is connected
between the PTC and BAT pins. It can be placed close to the CHG/DSG FETs to monitor the temperature. The
PTC pin monitors the voltage at the pin and will trip if the thermistor resistance exceeds the defined threshold. A
PTC fault is one of the permanent failure modes. It can only be cleared by a POR.
To disable, connect PTC and PTCEN to VSS.
Figure 9-16. PTC Thermistor
www.ti.com
BQ40Z50-R2
SLUSCS4C – JUNE 2017 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: BQ40Z50-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com