Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 90 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STA381BWS_V01 Datasheet HTML 86Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 87Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 88Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 89Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 90Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 91Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 92Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 93Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 174 page
background image
Register description: New Map
STA381BWS
90/174
DocID018937 Rev 7
6.27
PLL configuration registers (address 0x52; 0x53; 0x54; 0x55;
0x56; 0x57)
By default, the STA381BWS is able to configure the embedded PLL automatically
depending on the MCS bits (reg 0x00). For certain applications and to provide flexibility to
the user, a manual PLL configuration can be used (setting PLL_DIRP to ‘1’)
The output PLL frequency formula is:
where Fin is the input clock frequency from the pad.
D7
D6
D5
D4
D3
D2
D1
D0
PLL_FRAC[15:8]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
PLL_FRAC[7:0]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
PLL_DITH[1:0]
PLL_NDIV[5:0]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
PLL_DPD
PLL_FCT
PLL_STB
PLL_STBBYP
PLL_IDIV[3:0]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
PLL_DIRP
PLL_PWD
PLL_BYP
OSC_PD
Reserved
BOOST32K
00000000
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
Reserved
Reserved
BYPSTATE
PDSTATE
OSCOK
LOWCK
NA
NA
NA
NA
NA
NA
NA
NA
Table 80. PLL factors
PLL parameter
Min
Max
FRAC
0
65535
IDIV
0
3
NDIV
5
55
Fin
NDIV

IDIV 1
+

---------------------------
FRAC
65536
-----------------


+


Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com