Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50RSMT-R1.B Datasheet(PDF) 32 Page - Texas Instruments

Part # BQ40Z50RSMT-R1.B
Description  bq40z50-R1 1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ40Z50RSMT-R1.B Datasheet(HTML) 32 Page - Texas Instruments

Back Button BQ40Z50RSMT-R1.B Datasheet HTML 28Page - Texas Instruments BQ40Z50RSMT-R1.B Datasheet HTML 29Page - Texas Instruments BQ40Z50RSMT-R1.B Datasheet HTML 30Page - Texas Instruments BQ40Z50RSMT-R1.B Datasheet HTML 31Page - Texas Instruments BQ40Z50RSMT-R1.B Datasheet HTML 32Page - Texas Instruments BQ40Z50RSMT-R1.B Datasheet HTML 33Page - Texas Instruments BQ40Z50RSMT-R1.B Datasheet HTML 34Page - Texas Instruments BQ40Z50RSMT-R1.B Datasheet HTML 35Page - Texas Instruments BQ40Z50RSMT-R1.B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
bq40z50-R1
SLUSCB3 – JULY 2015
www.ti.com
9.2.2.1.4
Sense Resistor
As with the cell connections, the quality of the Kelvin connections at the sense resistor is critical. The sense
resistor must have a temperature coefficient no greater than 50 ppm in order to minimize current measurement
drift with temperature. Choose the value of the sense resistor to correspond to the available overcurrent and
short-circuit ranges of the bq40z50-R1. Select the smallest value possible to minimize the negative voltage
generated on the bq40z50-R1 VSS node(s) during a short circuit. This pin has an absolute minimum of –0.3 V.
Parallel resistors can be used as long as good Kelvin sensing is ensured. The device is designed to support a 1-
m
Ω to 3-mΩ sense resistor.
The ground scheme of bq40z50-R1 is different from the older generation devices. In previous devices, the device
ground (or low current ground) is connected to the SRN side of the Rsense resistor pad. The bq40z50-R1,
however, connects the low-current ground on the SRP side of the Rsense resistor pad, close to the battery 1N
terminal (see Lithium-Ion Cell Connections). This is because the bq40z50-R1 has one less VC pin (a ground
reference pin VC5) compared to the previous devices. The pin was removed and was internally combined to
SRP.
Figure 25. Sense Resistor
9.2.2.1.5
ESD Mitigation
A pair of series 0.1-
μF ceramic capacitors is placed across the PACK+ and PACK– terminals to help in the
mitigation of external electrostatic discharges. The two devices in series ensure continued operation of the pack
if one of the capacitors becomes shorted.
Optionally, a tranzorb such as the SMBJ2A can be placed across the terminals to further improve ESD immunity.
9.2.2.2 Gas Gauge Circuit
The Gas Gauge Circuit includes the bq40z50-R1 and its peripheral components. These components are divided
into the following groups: Differential Low-Pass Filter, PBI, System Present, SMBus Communication, FUSE
circuit, and LED.
9.2.2.2.1
Coulomb-Counting Interface
The bq40z50-R1 uses an integrating delta-sigma ADC for current measurements. Add a 100-
Ω resistor from the
sense resistor to the SRP and SRN inputs of the device. Place a 0.1-µF (C18) filter capacitor across the SRP
and SRN inputs. Optional 0.1-µF filter capacitors (C19 and C20) can be added for additional noise filtering, if
required for your circuit.
32
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com