Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 5 Page - STMicroelectronics

  STA381BW Datasheet HTML 1Page - STMicroelectronics STA381BW Datasheet HTML 2Page - STMicroelectronics STA381BW Datasheet HTML 3Page - STMicroelectronics STA381BW Datasheet HTML 4Page - STMicroelectronics STA381BW Datasheet HTML 5Page - STMicroelectronics STA381BW Datasheet HTML 6Page - STMicroelectronics STA381BW Datasheet HTML 7Page - STMicroelectronics STA381BW Datasheet HTML 8Page - STMicroelectronics STA381BW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 174 page
background image
DocID018835 Rev 8
5/174
STA381BW
Contents
6.22
Tone control register (addr 0x22) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
6.22.1
Tone control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
6.23
Dynamic control registers (addr 0x23 - 0x26 / addr 0x43 - 0x46) . . . . . . 76
6.23.1
Limiter 1 attack/release rate (L1AR addr 0x23) . . . . . . . . . . . . . . . . . . . 76
6.23.2
Limiter 1 attack/release threshold (L1ATRT addr 0x24) . . . . . . . . . . . . 76
6.23.3
Limiter 2 attack/release rate ( L2AR addr 0x25) . . . . . . . . . . . . . . . . . . 76
6.23.4
Limiter 2 attack/release threshold ( L2 ATRT addr 0x26) . . . . . . . . . . . . 76
6.23.5
Limiter 1 extended attack threshold (addr 0x43) . . . . . . . . . . . . . . . . . . 80
6.23.6
Limiter 1 extended release threshold (addr 0x44) . . . . . . . . . . . . . . . . . 80
6.23.7
Limiter 2 extended attack threshold (addr 0x45) . . . . . . . . . . . . . . . . . . 81
6.23.8
Limiter 2 extended release threshold (addr 0x46) . . . . . . . . . . . . . . . . . 81
6.24
User-defined coefficient control registers (addr 0x27 - 0x37) . . . . . . . . . . 81
6.24.1
Coefficient address register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
6.24.2
Coefficient b1 data register bits 23:16 . . . . . . . . . . . . . . . . . . . . . . . . . . 81
6.24.3
Coefficient b1 data register bits 15:8 . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
6.24.4
Coefficient b1 data register bits 7:0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
6.24.5
Coefficient b2 data register bits 23:16 . . . . . . . . . . . . . . . . . . . . . . . . . . 82
6.24.6
Coefficient b2 data register bits 15:8 . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
6.24.7
Coefficient b2 data register bits 7:0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
6.24.8
Coefficient a1 data register bits 23:16 . . . . . . . . . . . . . . . . . . . . . . . . . . 82
6.24.9
Coefficient a1 data register bits 15:8 . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
6.24.10 Coefficient a1 data register bits 7:0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
6.24.11 Coefficient a2 data register bits 23:16 . . . . . . . . . . . . . . . . . . . . . . . . . . 82
6.24.12 Coefficient a2 data register bits 15:8 . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
6.24.13 Coefficient a2 data register bits 7:0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
6.24.14 Coefficient b0 data register bits 23:16 . . . . . . . . . . . . . . . . . . . . . . . . . . 83
6.24.15 Coefficient b0 data register bits 15:8 . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
6.24.16 Coefficient b0 data register bits 7:0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
6.24.17 Coefficient write/read control register . . . . . . . . . . . . . . . . . . . . . . . . . . 83
6.24.18 User-defined EQ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
6.24.19 Pre-scale . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
6.24.20 Post-scale . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
6.25
Fault-detect recovery constant registers (addr 0x3C - 0x3D) . . . . . . . . . . 88
6.26
Extended configuration register (addr 0x47) . . . . . . . . . . . . . . . . . . . . . . 88
6.26.1
Extended post-scale range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
6.26.2
Extended attack rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com