Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA508 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA508
Description  40 V, 4.5 A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA508 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA508_V01 Datasheet HTML 11Page - STMicroelectronics STA508_V01 Datasheet HTML 12Page - STMicroelectronics STA508_V01 Datasheet HTML 13Page - STMicroelectronics STA508_V01 Datasheet HTML 14Page - STMicroelectronics STA508_V01 Datasheet HTML 15Page - STMicroelectronics STA508_V01 Datasheet HTML 16Page - STMicroelectronics STA508_V01 Datasheet HTML 17Page - STMicroelectronics STA508_V01 Datasheet HTML 18Page - STMicroelectronics STA508_V01 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
List of tables
Table 1.
Pin description...................................................................... 3
Table 2.
Functional pin status ................................................................. 4
Table 3.
Absolute maximum ratings ............................................................. 5
Table 4.
Thermal data....................................................................... 5
Table 5.
Electrical characteristics VL = 3.3 V; VCC = 30 V; Tamb = 25 °C ; fsw = 384 kHz unless otherwise specified. ...... 6
Table 6.
VLow, VHigh variation with VL ........................................................... 7
Table 7.
Logic truth table (see fig. 5) ............................................................. 7
Table 8.
PowerSO-36 package mechanical data ................................................... 13
Table 9.
Tolerance of form and position .......................................................... 14
Table 10.
Variations ........................................................................ 14
Table 11.
Document revision history ............................................................. 15
STA508
List of tables
DS3503 - Rev 6
page 17/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com