Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA510A Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA510A
Description  44 V, 5.5 A, quad power half-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA510A Datasheet HTML 13Page - STMicroelectronics STA510A Datasheet HTML 14Page - STMicroelectronics STA510A Datasheet HTML 15Page - STMicroelectronics STA510A Datasheet HTML 16Page - STMicroelectronics STA510A Datasheet HTML 17Page - STMicroelectronics STA510A Datasheet HTML 18Page - STMicroelectronics STA510A Datasheet HTML 19Page - STMicroelectronics STA510A Datasheet HTML 20Page - STMicroelectronics STA510A Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Package information
STA510A
18/21
DocID11077 Rev 4
Table 8. PowerSO-36 package mechanical data
Dim.
mm
Min.
Typ.
Max.
Ɵ
0°
-
8°
Ɵ15°
-
10°
Ɵ20°
-
-
A-
-
3.41
A1
0.30
-
-0.40
A2
3.10
3.14
3.18
A3
-
0.2
-
A4
0.80
-
1.00
b
0.22
-
0.41
b1
0.22
-
0.38
c
0.23
-
0.32
c1
0.23
0.25
0.29
D
15.90 BSC
D1
VARIATION
D2
-
1.00
D3
-
5.00
-
e
0.65 BSC
E
14.20 BSC
E1
11.00 BSC
E2
VARIATION
E3
-
-
2.90
h-
-
1.10
L0.80
-
1.10
L1
1.60 REF
L2
0.35 BSC
N36
R0.20
-
-
R1
0.20
-
-
s0.25
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com