Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA516BE Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA516BE
Description  500 W FFX digital amplifier power stage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA516BE Datasheet(HTML) 5 Page - STMicroelectronics

  STA516BE Datasheet HTML 1Page - STMicroelectronics STA516BE Datasheet HTML 2Page - STMicroelectronics STA516BE Datasheet HTML 3Page - STMicroelectronics STA516BE Datasheet HTML 4Page - STMicroelectronics STA516BE Datasheet HTML 5Page - STMicroelectronics STA516BE Datasheet HTML 6Page - STMicroelectronics STA516BE Datasheet HTML 7Page - STMicroelectronics STA516BE Datasheet HTML 8Page - STMicroelectronics STA516BE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
3
Electrical characteristics
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC_MAX
DC supply voltage (pins 4, 7, 12, 15)
65
V
Vmax
Maximum voltage on pins 23 to 32
5.5
V
Tj_MAX
Operating junction temperature
0 to 150
°C
Tstg
Storage temperature
-40 to 150
°C
Caution:
Stresses beyond those listed under “Absolute maximum ratings” make cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under “Recommended operating condition” are not implied. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability. In the real application, power supply
with nominal value rated inside recommended operating conditions, may experience some rising beyond the
maximum operating condition for short time when no or very low current is sinked (amplifier in mute state). In
this case the reliability of the device is guaranteed, provided that the absolute maximum rating is not exceeded.
Table 3. Thermal data
Symbol
Parameter
Min.
Typ.
Max.
Unit
Tj-case
Thermal resistance junction to case (thermal pad)
-
1
2.5
°C/W
Twarn
Thermal warning temperature
-
130
-
°C
TjSD
Thermal shut-down junction temperature
-
150
-
°C
thSD
Thermal shut-down hysteresis
-
25
-
°C
Table 4. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply voltage for pins PVCCA, PVCCB
10
-
60
V
Tamb
Ambient operating temperature
0
-
90
°C
STA516BE
Electrical characteristics
DS10283 - Rev 3
page 5/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com