Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA518 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA518
Description  40 V, 3.5 A quad power half-bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA518 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA518 Datasheet HTML 9Page - STMicroelectronics STA518 Datasheet HTML 10Page - STMicroelectronics STA518 Datasheet HTML 11Page - STMicroelectronics STA518 Datasheet HTML 12Page - STMicroelectronics STA518 Datasheet HTML 13Page - STMicroelectronics STA518 Datasheet HTML 14Page - STMicroelectronics STA518 Datasheet HTML 15Page - STMicroelectronics STA518 Datasheet HTML 16Page - STMicroelectronics STA518 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID010708 Rev 6
13/21
STA518
Technical information
21
temperature exceeds 130 °C, in advance of the thermal shutdown protection. When a fault
condition is detected, an internal fault signal acts to immediately disable the output power
MOSFETs, placing both H-Bridges in high impedance state. At the same time an open-drain
MOSFET connected to the FAULT pin (pin 27) is switched on.
There are two possible modes subsequent to activating a fault:
1.
SHUTDOWN mode: with FAULT (pull-up resistor) and TRI-STATE pins independent,
an activated fault will disable the device, signaling low at the FAULT output.
The device may subsequently be reset to normal operation by toggling the TRI-STATE
pin from high to low to high using an external logic signal.
2.
AUTOMATIC recovery mode: This is shown in the audio application circuit of quad
single-ended. The FAULT and TRI-STATE pins are shorted together and connected to
a time constant circuit comprising R59 and C58.
An activated FAULT will force a reset on the TRI-STATE pin causing normal operation
to resume following a delay determined by the time constant of the circuit.
If the fault condition is still present, the circuit operation will continue repeating until the
fault condition is removed.
An increase in the time constant of the circuit will produce a longer recovery interval.
Care must be taken in the overall system design as not to exceed the protection
thresholds under normal operation.
4.2
Power outputs
The STA518 power and output pins are duplicated to provide a low impedance path for the
device's bridged outputs. All duplicate power, ground and output pins must be connected for
proper operation.
The PWRDN or TRI-STATE pins should be used to set all MOSFETS to the Hi-Z state
during power-up until the logic power supply, VL, is settled.
4.3
Parallel output / high current operation
When using DDX mode output, the STA518 outputs can be connected in parallel in order to
increase the output current capability to a load. In this configuration the STA518 can provide
70 W into 8 ohm.
This mode of operation is enabled with the CONFIG pin (pin 24) connected to VREG1 and
the inputs combined INLA=INLB, INRA=INRB and the outputs combined OUTLA=OTLB,
OUTRA=OUTRB.
4.4
Additional information
Output Filter: A passive 2nd order passive filter is used on the STA518 power outputs to
reconstruct an analog audio signal. System performance can be significantly affected by the
output filter design and choice of passive components. A filter design for 6 ohm / 8 ohm
loads is shown in the typical application circuit of Figure 9.
Quad single-ended circuit (Figure 1) shows a filter for half-bridge mode, 4 ohm loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com