Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA2030
Description  14 W hi-fi audio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA2030_V01 Datasheet HTML 9Page - STMicroelectronics TDA2030_V01 Datasheet HTML 10Page - STMicroelectronics TDA2030_V01 Datasheet HTML 11Page - STMicroelectronics TDA2030_V01 Datasheet HTML 12Page - STMicroelectronics TDA2030_V01 Datasheet HTML 13Page - STMicroelectronics TDA2030_V01 Datasheet HTML 14Page - STMicroelectronics TDA2030_V01 Datasheet HTML 15Page - STMicroelectronics TDA2030_V01 Datasheet HTML 16Page - STMicroelectronics TDA2030_V01 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TDA2030
Thermal shutdown
Doc ID 1458 Rev 3
13/17
6
Thermal shutdown
The presence of a thermal limiting circuit offers the following advantages:
1.
An overload on the output (even if it is permanent), or an above limit ambient
temperature can be easily supported since Tj cannot be higher than 150°C.
2.
The heatsink can have a smaller factor of safety compared with that of a conventional
circuit. There is no possibility of device damage due to high junction temperature. If for
any reason, the junction temperature increases to 150°C, the thermal shutdown simply
reduces the power dissipation at the current consumption.
The maximum allowable power dissipation depends upon the size of the external heatsink
(i.e. its thermal resistance); Figure 25 shows this power dissipation as a function of ambient
temperature for different thermal resistances.
Figure 23.
Output power and drain current vs.
case temperature (RL = 4 Ω)
Figure 24.
Output power and drain current vs.
case temperature (RL = 8 Ω)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com