Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2822D Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA2822D
Description  Dual low voltage power amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2822D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA2822D Datasheet HTML 2Page - STMicroelectronics TDA2822D Datasheet HTML 3Page - STMicroelectronics TDA2822D Datasheet HTML 4Page - STMicroelectronics TDA2822D Datasheet HTML 5Page - STMicroelectronics TDA2822D Datasheet HTML 6Page - STMicroelectronics TDA2822D Datasheet HTML 7Page - STMicroelectronics TDA2822D Datasheet HTML 8Page - STMicroelectronics TDA2822D Datasheet HTML 9Page - STMicroelectronics TDA2822D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4
Electrical characteristics
(VS = 6 V; Tamb = 25 °C, unless otherwise specified.
STEREO (see Figure 2. Stereo application and test circuit).
Table 3. Electrical characteristics (stereo)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VS
Supply voltage
1.8
15
V
Id
Total quiescent drain current
15
mA
VO
Quiescent output voltage
2.7
V
VS = 3 V
1.2
V
Ib
Input bias current
100
nA
PO
Output power (each channel) (f = 1 kHz, d = 10%)
RL = 32 Ω
VS= 9 V
300
mW
VS= 6 V
120
VS = 4.5 V
60
VS = 3 V
20
VS = 2 V
5
RL = 16 Ω
VS = 6 V
170
220
mW
RL = 8 Ω
VS = 6 V
300
380
mW
RL = 4 Ω
VS = 4.5 V
320
mW
VS = 3 V
110
d
Distortion
RL = 32 Ω
PO = 40 mW
0.2
%
RL=16 Ω
PO = 75 mW
0.2
%
RL = 8 Ω
PO = 150 mW
0.2
%
GV
Closed loop voltage gain
f = 1 kHz
36
39
41
dB
ΔGV
Channel balance
1
dB
Ri
Input resistance
f = 1 kHz
100
kΩ
eN
Total input noise
Rs = 10 kΩ, B = curve A
2
µV
Rs = 10 kΩ, B = 22 Hz to 22 kHz
2.5
µV
SVR
Supply voltage rejection
f = 100 Hz, C1 = C2 = 100 F
24
30
dB
Cs
Channel separation
f = 1 kHz
50
dB
TDA2822D
Electrical characteristics
DS0119 - Rev 3
page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com